Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

50DB-076 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part No. 50DB-076
Description  DC BLOCK INNER ONLY
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JFW [JFW Industries, Inc.]
Homepage  http://www.jfwindustries.com
Logo 

50DB-076 Datasheet(HTML) 1 Page - JFW Industries, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BLOCK INNER ONLY
SPECIFICATION SHEET
JFW MODEL 50DB-076
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Description
DC Block Inner Only
Frequency Range
100 MHz-50 GHz
Impedance
50 Ohms nominal
VSWR
1.75:1 maximum
Insertion Loss
1.5 dB maximum
DC Breakdown Voltage
75 Volts
Operating Temperature Range
+5ºC to +75ºC
RF Connector
2.4mm male/female
Physical Size
See outline drawing 092-8358
10/19/2015
CLK 10/19/2015
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
JFW FORM E-7-F REV F
Page 1 of 1


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn