Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G3PB-445B-2-VD Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. G3PB-445B-2-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PB-445B-2-VD Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3PB-445B-2-VD Datasheet HTML 1Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 2Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 3Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 4Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 5Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 6Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 7Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 8Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
G3PB-2/-3
2
Ordering Information
■ List of Models
Models with Built-in Heat Sinks
Note: 1. The applicable load current depends on the ambient temperature. For details, refer to Load Current vs. Ambient Temperature in,
Engineering Data on page 7.
2. When ordering, specify the rated input voltage.
Models without Built-in Heat Sinks
Note: 1. The applicable load current depends on the heat sink that is connected and the ambient temperature. For details, refer to Load Current
vs. Ambient Temperature in, Engineering Data on page 7.
2. When ordering, specify the rated input voltage.
Heat Sinks
■ Accessories (Order Separately)
Number of
phases
Main circuit voltage
Zero cross
function
Applicable load current
(with Class-1 AC resistive load)
Number of
elements
Model
3
100 to 240 VAC
Yes
15 A max.
3
G3PB-215B-3-VD
2
G3PB-215B-2-VD
25 A max.
3
G3PB-225B-3-VD
2
G3PB-225B-2-VD
35 A max.
3
G3PB-235B-3-VD
2
G3PB-235B-2-VD
45 A max.
3
G3PB-245B-3-VD
2
G3PB-245B-2-VD
200 to 400 VAC
15 A max.
3
G3PB-415B-3-VD
2
G3PB-415B-2-VD
25 A max.
3
G3PB-425B-3-VD
2
G3PB-425B-2-VD
35 A max.
3
G3PB-435B-3-VD
2
G3PB-435B-2-VD
45 A max.
3
G3PB-445B-3-VD
2
G3PB-445B-2-VD
Number of
phases
Main circuit voltage
Zero cross
function
Applicable load current
Number of
elements
Model
3
100 to 240 VAC
Yes
15 A max.
3
G3PB-215B-3H-VD
2
G3PB-215B-2H-VD
25 A max.
3
G3PB-225B-3H-VD
2
G3PB-225B-2H-VD
35 A max.
3
G3PB-235B-3H-VD
2
G3PB-235B-2H-VD
45 A max.
3
G3PB-245B-3H-VD
2
G3PB-245B-2H-VD
200 to 400 VAC
15 A max.
3
G3PB-415B-3H-VD
2
G3PB-415B-2H-VD
25 A max.
3
G3PB-425B-3H-VD
2
G3PB-425B-2H-VD
35 A max.
3
G3PB-435B-3H-VD
2
G3PB-435B-2H-VD
45 A max.
3
G3PB-445B-3H-VD
2
G3PB-445B-2H-VD
Heat resistance (
°C/W)
Model
1.67
Y92B-P50
1.01
Y92B-P100
0.63
Y92B-P150
0.43
Y92B-P200
0.36
Y92B-P250
Mounting Track
50 cm (1) x 7.3 mm (t)
PFP-50N
1 m (1) x 7.3 mm (t)
PFP-100N
1 m (1) x 16 mm (t)
PFP-100N2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn