Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G3PB-445B-2-VD Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. G3PB-445B-2-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PB-445B-2-VD Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G3PB-445B-2-VD Datasheet HTML 7Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 8Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 9Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 10Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 11Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 12Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 13Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 14Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
G3PB-2/-3
11
80.5
max.
90
80 max.
100
110.5 max.
110.5
max.
5
24
0.5
20
20
32.2
90±0.3
100±0.3
Four, 4.5 dia or M4
70 max.
30.5
max.
Four, R2.5
Two, M3.5
× 8
Six, M5
× 12
(G3PB-
@35B-2-VD)
Six, M4
× 12
(G3PB-
@25B-3-VD)
Mounting Holes
19.4
14.6
G3PB-225B-3-VD
G3PB-235B-2-VD
G3PB-425B-3-VD
G3PB-435B-2-VD
A1
A2
(
+)
(
−)
(
+)
(
−)
(
+)
(
−)
(
+)
(
−)
A1
A2
Terminal Arrangement/Internal Circuit Diagram
G3PB-235B-2-VD
G3PB-225B-3-VD
L1/R
T1/U
T2/V
T3/W
L2/S
L3/T
L1/R
T1/U
T2/V
T3/W
L2/S
L3/T
L1/R
T1/U
T2/V
T3/W
L2/S
L3/T
A1
A2
G3PB-435B-2-VD
L1/R
T1/U
T2/V
T3/W
L2/S
L3/T
A1
A2
G3PB-425B-3-VD
Without Terminal Cover
With Terminal Cover
80.5
max.
90
80 max.
120
130.5 max.
130.5
max.
5
24
0.5
20
20
32.2
90±0.3
120±0.3
Four, 4.5 dia or M4
70 max.
30.5
max.
Four, R2.5
Two,
M3.5
× 8
Six,
M5
× 12
Mounting Holes
19.4
14.6
G3PB-235B-3-VD
G3PB-245B-2-VD
G3PB-435B-3-VD
G3PB-445B-2-VD
A1
A2
(
+)
(
−)
(
+)
(
−)
(
+)
(
−)
(
+)
(
−)
A1
A2
Terminal Arrangement/Internal Circuit Diagram
G3PB-245B-2-VD
G3PB-235B-3-VD
L1/R
T1/U
T2/V
T3/W
L2/S
L3/T
L1/R
T1/U
T2/V
T3/W
L2/S
L3/T
L1/R
T1/U
T2/V
T3/W
L2/S
L3/T
A1
A2
G3PB-445B-2-VD
L1/R
T1/U
T2/V
T3/W
L2/S
L3/T
A1
A2
G3PB-435B-3-VD
Without Terminal Cover
With Terminal Cover


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn