Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G3PB-445B-2-VD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. G3PB-445B-2-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G3PB-445B-2-VD Datasheet(HTML) 1 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
CSM_G3PB-2_-3_DS_E_2_1
Solid State Contactors (Three-phase)
G3PB-2/-3
Compact, Low-cost Solid State Contactors
of an Innovative Construction Ideal for
Three-phase Heaters
• Slim Units with three-phase output.
• Optimum heat sinks attach to models without built-in heat sinks.
• Compact design achieved by optimizing heat sink shape.
• DIN track mounting possible (when using the Y92B-P50 Heat
Sink) in addition to screw mounting.
• Comply with EN60947-4-3 (IEC947-4-3) UL508, and
CSA22.2 No. 14, and bear CE marking.
Refer to Safety Precautions for All Solid State
Relays.
Model Number Structure
■ Model Number Legend
1. Basic Model Name
G3PB:
Solid State Relay
2. Rated Load Power Supply Voltage
2:
200 VAC
4:
400 VAC
3. Rated Load Current
15:
15 A
25:
25 A
35:
35 A
45:
45 A
4. Terminal Type
B:
Screw terminals
5. Single-phase/3-phase and Number of Elements for 3-phase
2:
3-phase, 2-element models
3:
3-phase, 3-element models
6. 3-phase Type
Blank:
Built-in heat sink
H:
No heat sink (“hockey puck” type)
7. Certification
VD:
Certified by UL, CSA, and VDE
1
23 4
5 6
7
G3PB-
@@@-@@-@


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn