Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G3PB-445B-2-VD Datasheet(PDF) 9 Page - Omron Electronics LLC

Part No. G3PB-445B-2-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G3PB-445B-2-VD Datasheet(HTML) 9 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
G3PB-2/-3
9
Heat Sink Area vs. Load Current
Note: The heat sink area refers to the combined area of the sides of the heat sink that radiate heat. In the case of G3PB-425B-3H-VD, when a
current of 18 A is allowed to flow through the SSR at 40
°C, the graph shows that the heat sink area is about 2,500 cm2. Therefore, if the heat
sink is square, one side of the heat sink must be 36 cm (362
× 2 = 2,592) or longer.
Thermal Resistance Rth (Junction/SSR Back Surface)
Three-phase Models without Heat Sink
G3PB-225B-3H-VD
G3PB-425B-3H-VD
Ambient temperature: 80
°C
Ambient temperature: 40
°C
Load current (A)
Aluminum plate (t=3.0 mm)
Ambient temperature: 80
°C
Ambient temperature: 40
°C
Load current (A)
Aluminum plate (t=3.0 mm)
Model
Rth (
°C/W)
G3PB-215B-3H-VD
1.05
G3PB-225B-3H-VD
0.57
G3PB-235B-3H-VD
0.57
G3PB-245B-3H-VD
0.57


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn