Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G3PB-445B-2-VD Datasheet(PDF) 7 Page - Omron Electronics LLC

Part No. G3PB-445B-2-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PB-445B-2-VD Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G3PB-445B-2-VD Datasheet HTML 3Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 4Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 5Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 6Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 7Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 8Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 9Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 10Page - Omron Electronics LLC G3PB-445B-2-VD Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
G3PB-2/-3
7
Engineering Data
Load Current vs. Ambient Temperature
Models with Built-in Heat Sinks
G3PB-215B-3-VD
G3PB-215B-2-VD
G3PB-225B-3-VD
G3PB-225B-2-VD
G3PB-235B-3-VD
G3PB-235B-2-VD
30
25
20
10
8
0
Ambient temperature (
°C)
-30
-20
0
20
40
60
80
100
25
22
Derating curve under UL standard
30
25
15
20
10
7
0
Ambient temperature (
°C)
−30 −20
0
20
40
60
80
100
6
Derating curve under
UL standard
Note: 1. Please use proper ventilation and cooling.
2. Please note that the derating curve above 28 A is
applicable under the UL standard only with forced
air cooling by fan.
50
35
30
20
10
14
0
Ambient temperature (
°C)
40
8
28
−30 −20
0
20
40
60
80
100
25
Derating curve under UL standard
30
25
15
20
10
7
0
Ambient temperature (
°C)
−30 −20
0
20
40
60
80
100
6
Derating curve under UL standard
30
25
20
10
8
0
Ambient temperature (
°C)
−30 −20
0
20
40
60
80
100
25
22
Note: 1. Please use proper ventilation and cooling.
2. Please note that the derating curve above 22 A is
applicable under the UL standard only with forced
air cooling by fan.
Derating curve under UL standard
G3PB-245B-3-VD
G3PB-245B-2-VD
G3PB-415B-3-VD
G3PB-415B-2-VD
G3PB-425B-3-VD
G3PB-425B-2-VD
Note: 1. Please use proper ventilation and cooling.
2. Please note that the derating curve above 42 A is
applicable under the UL standard only with forced
air cooling by fan.
Ambient temperature (
°C)
50
45
30
20
10
18
0
40
−30 −20
0
20
40
60
80
100
25
12
42
Derating curve under UL standard
Note: 1. Please use proper ventilation and cooling.
2. Please note that the derating curve above 28 A is
applicable under the UL standard only with forced
air cooling by fan.
50
35
30
20
10
14
0
Ambient temperature (
°C)
40
8
28
−30 −20
0
20
40
60
80
100
25
Derating curve under UL standard
Note: 1. Please use proper ventilation and cooling.
2. Please note that the derating curve above 42 A is
applicable under the UL standard only with forced
air cooling by fan.
Ambient temperature (
°C)
50
45
30
20
10
18
0
40
−30 −20
0
20
40
60
80
100
25
12
42
Derating curve under UL standard
G3PB-435B-3-VD
G3PB-435B-2-VD
G3PB-445B-3-VD
G3PB-445B-2-VD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn