Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G3PB-435B-3-VD Datasheet(PDF) 5 Page - Omron Electronics LLC

Part No. G3PB-435B-3-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G3PB-435B-3-VD Datasheet(HTML) 5 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
G3PB-2/-3
5
■ Characteristics
Models with Built-in Heat Sinks
Note: The leakage current of phase S will be approximately
times larger if the 2-element model is applied.
Note: The leakage current of phase S will be approximately
times larger if the 2-element model is applied.
Item
G3PB-
215B-3-VD
G3PB-
215B-2-VD
G3PB-
225B-3-VD
G3PB-
225B-2-VD
G3PB-
235B-3-VD
G3PB-
235B-2-VD
G3PB-
245B-3-VD
G3PB-
245B-2-VD
Operate time
1/2 of load power source cycle + 1 ms max. (DC input)
Release time
1/2 of load power source cycle + 1 ms max. (DC input)
Output ON voltage drop
1.6 V (RMS) max.
Leakage current
(See note.)
10 mA (at 200 VAC)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.375–mm single amplitude (Mounted to DIN track)
Shock resistance
Destruction: 294 m/s2
Ambient temperature
Operating:
–30
°C to 80°C (with no icing or condensation)
Storage:
–30
°C to 100°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85%
Weight
Approx.
750 g
Approx.
750 g
Approx.
900 g
Approx.
750 g
Approx.
1,150 g
Approx.
900 g
Approx.
1,500 g
Approx.
1,150 g
Certified standards
UL508, CSA22.2 No. 14, EN60947-4-3 (IEC947-4-3)
(From April 1999)
EMC
Emission: EN55011 Group 1 Class B
Immunity: EN61000-6-2
Item
G3PB-
415B-3-VD
G3PB-
415B-2-VD
G3PB-
425B-3-VD
G3PB-
425B-2-VD
G3PB-
435B-3-VD
G3PB-
435B-2-VD
G3PB-
445B-3-VD
G3PB-
445B-2-VD
Operate time
1/2 of load power source cycle + 1 ms max. (DC input)
Release time
1/2 of load power source cycle + 1 ms max. (DC input)
Output ON voltage drop
1.8 V (RMS) max.
Leakage current
(See note.)
20 mA (at 400 VAC)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.375–mm single amplitude (Mounted to DIN track)
Shock resistance
Destruction: 294 m/s2
Ambient temperature
Operating:
–30
°C to 80°C (with no icing or condensation)
Storage:
–30
°C to 100°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85%
Weight
Approx.
750 g
Approx.
750 g
Approx.
900 g
Approx.
750 g
Approx.
1,150 g
Approx.
900 g
Approx.
1,500 g
Approx.
1,150 g
Certified standards
UL508, CSA22.2 No. 14, EN60947-4-3 (IEC947-4-3)
EMC
Emission: EN55011 Group 1 Class B
Immunity: EN61000-6-2
3
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn