Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G3PB-435B-3-VD Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. G3PB-435B-3-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G3PB-435B-3-VD Datasheet(HTML) 4 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
G3PB-2/-3
4
Main Circuit of Models without Built-in Heat Sinks
Note: The applicable load current depends on the heat sink that is connected and the ambient temperature. For details, refer to Load Current vs.
Ambient Temperature in, Engineering Data on page 7.
Item
G3PB-215B-
3H-VD
G3PB-215B-
2H-VD
G3PB-225B-
3H-VD
G3PB-225B-
2H-VD
G3PB-235B-
3H-VD
G3PB-235B-
2H-VD
G3PB-245B-
3H-VD
G3PB-245B-
2H-VD
Rated load voltage
100 to 240 VAC
Load voltage range
75 to 264 VAC
Applicable load current
(See note.)
0.2 to 15 A at 40°C
0.2 to 25 A at 40°C
0.2 to 35 A at 25°C
0.2 to 45 A at 25°C
Inrush current resistance
(peak value)
150 A
(60 Hz, 1 cycle)
220 A
(60 Hz, 1 cycle)
440 A
(60 Hz, 1 cycle)
Permissible I2t
(half 60-Hz wave)
121 A2s
260 A2s
1260 A2s
Applicable load
(with Class-1 AC resistive
load)
The applicable load varies with the heat radiation of the Unit. Refer to page 7, Engineering Data for details.
Item
G3PB-415B-
3H-VD
G3PB-415B-
2H-VD
G3PB-425B-
3H-VD
G3PB-425B-
2H-VD
G3PB-435B-
3H-VD
G3PB-435B-
2H-VD
G3PB-445B-
3H-VD
G3PB-445B-
2H-VD
Rated load voltage
200 to 400 VAC
Load voltage range
180 to 440 VAC
Applicable load current
(See note.)
0.5 to 15 A at 40°C
0.5 to 25 A at 40°C
0.5 to 35 A at 25°C
0.5 to 45 A at 25°C
Inrush current resistance
(peak value)
220 A
(60 Hz, 1 cycle)
440 A
(60 Hz, 1 cycle)
Permissible I2t
(half 60-Hz wave)
260 A2s
260 A2s
1260 A2s
Applicable load
(with Class-1 AC resistive
load)
Refer to page 7, Engineering Data for details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn