Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G3PB-435B-3-VD Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. G3PB-435B-3-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G3PB-435B-3-VD Datasheet(HTML) 3 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
G3PB-2/-3
3
Specifications
■ Ratings (at an Ambient Temperature of 25°C)
Operating Circuit (Common)
Main Circuit of Models with Built-in Heat Sinks
Note: The applicable load current depends on the ambient temperature. For details, refer to Load Current vs. Ambient Temperature in, Engineering
Data on page 7.
Item
Common
Rated voltage
12 to 24 VDC
Operating voltage range
9.6 to 30 VDC
Rated input current
10 mA max. (at 24 VDC)
Must operate voltage
9.6 VDC max.
Must release voltage
1 VDC min.
Insulation method
Phototriac
Operation indicator
Yellow LED
Item
G3PB-
215B-3-VD
G3PB-
215B-2-VD
G3PB-
225B-3-VD
G3PB-
225B-2-VD
G3PB-
235B-3-VD
G3PB-
235B-2-VD
G3PB-
245B-3-VD
G3PB-
245B-2-VD
Rated load voltage
100 to 240 VAC
Load voltage range
75 to 264 VAC
Applicable load current
(See note.)
0.2 to 15 A at 40°C
0.2 to 25 A at 40°C
0.5 to 35 A at 25°C
0.5 to 45 A at 25°C
Inrush current resistance
(peak value)
150 A
(60 Hz, 1 cycle)
220 A
(60 Hz, 1 cycle)
440 A
(60 Hz, 1 cycle)
Permissible I2t
(half 60-Hz wave)
121 A2s260 A2s
1260 A2s
Applicable load
(with Class-1 AC resistive
load)
5.1 kW max.
(at 200 VAC)
8.6 kW
(at 200 VAC)
12.1 kW max.
(at 200 VAC)
15.5 kW max.
(at 200 VAC)
Item
G3PB-
415B-3-VD
G3PB-
415B-2-VD
G3PB-
425B-3-VD
G3PB-
425B-2-VD
G3PB-
435B-3-VD
G3PB-
435B-2-VD
G3PB-
445B-3-VD
G3PB-
445B-2-VD
Rated load voltage
200 to 400 VAC
Load voltage range
180 to 440 VAC
Applicable load current
(See note.)
0.5 to 15 A at 40°C
0.5 to 25 A at 40°C
0.5 to 35 A at 25°C
0.5 to 45 A at 25°C
Inrush current resistance
(peak value)
220 A
(60 Hz, 1 cycle)
440 A
(60 Hz, 1 cycle)
Permissible I2t
(half 60-Hz wave)
260 A2s260 A2s
1260 A2s
Applicable load
(with Class-1 AC resistive
load)
10.3 kW max.
(at 400 VAC)
17.3 kW max.
(at 400 VAC)
24.2 kW max.
(at 400 VAC)
31.1 kW max.
(at 400 VAC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn