Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3PB-235B-3-VD Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G3PB-235B-3-VD
Description  Compact, Low-cost Solid State Contactors of an Innovative Construction Ideal for Three-phase Heaters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PB-235B-3-VD Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G3PB-235B-3-VD Datasheet HTML 5Page - Omron Electronics LLC G3PB-235B-3-VD Datasheet HTML 6Page - Omron Electronics LLC G3PB-235B-3-VD Datasheet HTML 7Page - Omron Electronics LLC G3PB-235B-3-VD Datasheet HTML 8Page - Omron Electronics LLC G3PB-235B-3-VD Datasheet HTML 9Page - Omron Electronics LLC G3PB-235B-3-VD Datasheet HTML 10Page - Omron Electronics LLC G3PB-235B-3-VD Datasheet HTML 11Page - Omron Electronics LLC G3PB-235B-3-VD Datasheet HTML 12Page - Omron Electronics LLC G3PB-235B-3-VD Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
G3PB-2/-3
9
Heat Sink Area vs. Load Current
Note: The heat sink area refers to the combined area of the sides of the heat sink that radiate heat. In the case of G3PB-425B-3H-VD, when a
current of 18 A is allowed to flow through the SSR at 40
°C, the graph shows that the heat sink area is about 2,500 cm2. Therefore, if the heat
sink is square, one side of the heat sink must be 36 cm (362
× 2 = 2,592) or longer.
Thermal Resistance Rth (Junction/SSR Back Surface)
Three-phase Models without Heat Sink
G3PB-225B-3H-VD
G3PB-425B-3H-VD
Ambient temperature: 80
°C
Ambient temperature: 40
°C
Load current (A)
Aluminum plate (t=3.0 mm)
Ambient temperature: 80
°C
Ambient temperature: 40
°C
Load current (A)
Aluminum plate (t=3.0 mm)
Model
Rth (
°C/W)
G3PB-215B-3H-VD
1.05
G3PB-225B-3H-VD
0.57
G3PB-235B-3H-VD
0.57
G3PB-245B-3H-VD
0.57


Similar Part No. - G3PB-235B-3-VD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PB-2N OMRON-G3PB-2N Datasheet
1Mb / 10P
   Space and working time saved with new heatsink construction. Series now includes480-VAC models to allow use in a greaterrange of applications.
More results

Similar Description - G3PB-235B-3-VD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PE OMRON-G3PE Datasheet
1Mb / 12P
   Single-phase Solid State Relays for Heaters
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
logo
Crydom Inc.,
3RHP CRYDOM-3RHP Datasheet
431Kb / 2P
   Hybrid Solid State Contactors
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130_15 Datasheet
178Kb / 6P
   Low Cost Innovative Packaging
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
SWT862030 CELDUC-SWT862030 Datasheet
158Kb / 3P
   Three Phase Solid State Relays
SVT965760 CELDUC-SVT965760 Datasheet
128Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com