Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DSEP30-03A Datasheet(PDF) 1 Page - IXYS Corporation

Part No. DSEP30-03A
Description  HiPerFRED Epitaxial Diode with soft recovery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEP30-03A Datasheet(HTML) 1 Page - IXYS Corporation

  DSEP30-03A Datasheet HTML 1Page - IXYS Corporation DSEP30-03A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IXYS reserves the right to change limits, test conditions and dimensions
© 2004 IXYS All rights reserved
1 - 2
DSEP 30-03A
I
FAV
= 30 A
V
RRM = 300 V
t
rr
= 30 ns
V
RSM
V
RRM
Type
V
V
300
300
DSEP 30-03A
Symbol
Conditions
Maximum Ratings
I
FRMS
70
A
I
FAVM
T
C = 135°C; rectangular, d = 0.5
30
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
300
A
E
AS
T
VJ = 25°C; non-repetitive
1.2
mJ
I
AS = 3 A; L = 180 µH
I
AR
V
A = 1.5·VR typ.; f = 10 kHz; repetitive
0.3
A
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C
165
W
M
d
mounting torque
0.8...1.2
Nm
Weight
typical
6
g
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
V
R = VRRM;TVJ =
25°C
250
µA
V
R = VRRM;TVJ = 150°C
1
mA
V
F
I
F = 30 A;
T
VJ = 150°C
1.14
V
T
VJ =
25°C
1.55
V
R
thJC
0.9
K/W
R
thCH
0.25
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/µs;
25
ns
V
R = 30 V; TVJ = 25°C
I
RM
V
R = 100 V;
I
F = 50 A; -diF/dt = 100 A/µs
2.5
3.5
A
T
VJ = 100°C
HiPerFREDTM Epitaxial Diode
with soft recovery
Features
International standard package
Planar passivated chips
Very short recovery time
Extremely low switching losses
Low I
RM-values
Soft recovery behaviour
Epoxy meets UL 94V-0
Applications
Antiparallel diode for high frequency
switching devices
Antisaturation diode
Snubber diode
Free wheeling diode in converters
and motor control circuits
Rectifiers in switch mode power
supplies (SMPS)
Inductive heating
Uninterruptible power supplies (UPS)
Ultrasonic cleaners and welders
Advantages
Avalanche voltage rated for reliable
operation
Soft reverse recovery for low EMI/RFI
Low I
RM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
Dimensions see pages Outlines.pdf
Pulse test:
Pulse Width = 5 ms, Duty Cycle < 2.0 %
Pulse Width = 300 µs, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified.
A = Anode, C = Cathode, TAB = Cathode
TO-247 AD
C
A
C (TAB)
C
A


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn