Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26334G Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS26334G
Description  3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26334G Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS26334G Datasheet HTML 3Page - Dallas Semiconductor DS26334G Datasheet HTML 4Page - Dallas Semiconductor DS26334G Datasheet HTML 5Page - Dallas Semiconductor DS26334G Datasheet HTML 6Page - Dallas Semiconductor DS26334G Datasheet HTML 7Page - Dallas Semiconductor DS26334G Datasheet HTML 8Page - Dallas Semiconductor DS26334G Datasheet HTML 9Page - Dallas Semiconductor DS26334G Datasheet HTML 10Page - Dallas Semiconductor DS26334G Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
DS26334 3.3V, 16-Channel, E1/T1/J1 Short/Long-Haul Line Interface Unit
7 of 115
2 DETAILED DESCRIPTION
The DS26334 is a single-chip, 16-channel, long-haul and short-haul line interface unit for T1 (1.544Mbps) and E1
(2.048Mbps) applications. Sixteen independent receivers and transmitters are provided in a single TEBGA
package. The LIUs can be individually selected for T1, J1, or E1 operation. The LIU requires a single master
reference clock. This clock can be either 1.544MHz or 2.048MHz or multiples thereof, and either frequency can be
internally adapted for T1, J1, or E1 mode. Internal impedance matching provided for both transmit and receive
paths reduces external component count. The transmit waveforms are compliant to G.703 and T1.102
specification. The DS26324 provides software-selectable internal transmit termination for 100
W T1 twisted pair,
110
W J1 twisted pair, 120W E1 twisted pair, and 75W E1 coaxial applications. The transmitters have fast high-
impedance capability and can be individually powered down.
The receivers can function with up to a receive signal attenuation of 36dB for T1 mode, or 43dB for E1 mode. A
monitor gain setting also can be enabled to provide 14dB, 20dB, 26dB, and 32dB of resistive gain. The DS26334
can be configured as a 14-channel LIU with channel 1 and 9 used for nonintrusive monitoring in accordance with
G.772. The receivers and transmitters can be programmed into single or dual-rail mode. AMI or HDB3/B8ZS
encoding and decoding is selectable in single-rail mode. A 128-bit crystal-less on-board jitter attenuator for each
LIU can be placed in receive or transmit directions. The jitter attenuator meets the ETSI CTR12/13 ITU G.736,
G.742, G.823, and AT&T PUB62411 specifications.
The DS26334 detects and generates AIS in accordance with T1.231, G.775, and ETSI 300233. Loss of signal is
detected in accordance with T1.231, G.775, and ETSI 300233. The DS26334 can perform digital, analog, remote,
and dual loopbacks on individual LIUs. JTAG boundary scan is provided for the digital pins.
The DS26334 can be configured using 8-bit multiplexed or nonmultiplexed Intel or Motorola ports. A 4-pin serial
port selection is also available for configuration and monitoring of the device. .
The analog AMI/HDB3 waveform of the E1 line or the AMI/B8ZS waveform of the T1 line is transformer coupled
into the RTIP and RRING pins of the DS26334. The user has the option to select internal impedance matching to
75
W, 100W, 110W, or 120W with the use of a single external resistor. The device recovers clock and data from the
analog signal and passes it through a selectable jitter attenuator outputting the received line clock at RCLK and
data at RPOS and RNEG.
The DS26334 receivers can recover data and clock for up to 36dB of attenuation of the transmitted signals in T1
mode and 43dB for E1 mode. Receiver 1 can monitor the performance of receivers 2 to 8 or transmitters 2 to 8.
Receiver 9 can monitor the performance of receivers 10 to 16 or transmitters 10 to 16.
The DS26334 contains 16 identical transmitters. Digital transmit data is input at TPOS/TNEG with reference to
TCLK. The data at these pins can be single rail or dual rail. This data is processed by waveshaping circuitry and
the line driver to output at TTIP and TRING in accordance with ANSI T1.102 for T1/J1 or G.703 for E1 mask.
The DS26334 drives the E1 or T1 line from the TTIP and TRING pins by a 1:2 coupling transformer. The DS26334
supports the use of either a 1:1 or a 1:2 transformer on the receive side through the receiver turns ratio (RTR) bit.
For long-haul applications, a 1:1 transformer is preferred. Receive internal impedance matching allows one
external resistance value to work for all T1/J1/E1 modes.


Similar Part No. - DS26334G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26334G DALLAS-DS26334G Datasheet
848Kb / 121P
   3.3V, 16-Channel, E1/T1/J1 Shortand Long-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26334G MAXIM-DS26334G Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
DS26334G++ MAXIM-DS26334G+ Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
logo
Dallas Semiconductor
DS26334GN DALLAS-DS26334GN Datasheet
848Kb / 121P
   3.3V, 16-Channel, E1/T1/J1 Shortand Long-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26334GN MAXIM-DS26334GN Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
More results

Similar Description - DS26334G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26334 MAXIM-DS26334 Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082_09 Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com