Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7100 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7100
Description  Integrated Circuit Protector IC for Stereo Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7100 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7100 Datasheet HTML 1Page - NTE Electronics NTE7100 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (VCC = 45V, TA = +25°C, State using latching function)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Pin1 Threshold Voltage
Vth 1
Level to invert at Pin6
0.58
0.67
0.76
V
Pin2 Positive Threshold Voltage
Vth +2
Level to invert at Pin6
0.54
0.62
0.70
V
Pin2 Negative Threshold Voltage
Vth –2
Level to invert at Pin6
–0.12 –0.17 –0.23
V
Pin4 Threshold Voltage
Vth 4
Level to invert at Pin6
0.60
0.74
0.90
V
Pin8 Reference Voltage
V8
RL = 1.5kΩ
3.0
3.4
3.8
V
Pin Connection Diagram
(Front View)
VCC ON Mute
VCC
Overload Detector
Output Offset Detector
Switch for Latch/
AC OFF Detect
GND
8
7
6
5
Relay Detect
4
3
2
1
Automatic Reset
.100 (2.54)
.362
(9.2)
.800 (20.3)
.142 (3.6)
.700 (17.78)
.020 (0.50)
.100 (2.54)
18


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn