Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20737L Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYW20737L
Description  Bluetooth Low Energy System in Package (SiP) Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20737L Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYW20737L Datasheet HTML 1Page - Cypress Semiconductor CYW20737L Datasheet HTML 2Page - Cypress Semiconductor CYW20737L Datasheet HTML 3Page - Cypress Semiconductor CYW20737L Datasheet HTML 4Page - Cypress Semiconductor CYW20737L Datasheet HTML 5Page - Cypress Semiconductor CYW20737L Datasheet HTML 6Page - Cypress Semiconductor CYW20737L Datasheet HTML 7Page - Cypress Semiconductor CYW20737L Datasheet HTML 8Page - Cypress Semiconductor CYW20737L Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Document Number: 002-14886 Rev. *C
Page 4 of 24
CYW20737L
1. Functional Description
1.1 External Reset
External reset timing for the CYW20737L is illustrated in Figure 2.
Figure 2. External Reset Timing
1.2 32.768 kHz Oscillator
The CYW20737L includes a standard Pierce oscillator. The oscillator circuit includes a comparator with hysteresis on the output to
create a single-ended digital output. The hysteresis eliminates chatter when the input is near the comparator threshold (~100 mV).
The oscillator circuit can is designed for a 32 kHz or 32.768 kHz crystal oscillator, and can also be driven by an external clock input
with a similar frequency. Characteristics for a 32 kHz oscillator are defined in Table 2.
1.3 External DC-DC Switcher Characteristics
The CYW20737L requires an external 1.2V DC switcher to operate its internal digital and RF circuits. A suitable low-power, low-noise
switcher must be supplied for proper circuit operation. Digital and analog I/Os, as well as the internal EEPROM operation from the
VBAT/VDDIO, can be from 1.62V to 3.63V. The recommended setting is 3V nominal voltage.
The following switcher, from Torex Semiconductor LTD, has been qualified and is recommended for all designs.
■ XC9265B/D (see http://www.torexsemi.com/products/detail.php?id=623)
Table 2. 32 kHz Crystal Oscillator Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output frequency
Foscout
32.768
kHz
Frequency tolerance
Ftol
Crystal-dependent
100
ppm
Start-up time
Tstartup
––
500
µs
Crystal drive level
Pdrv
For crystal selection
0.5
µW
Crystal series resistance
Rseries
For crystal selection
70
kΩ
Crystal shunt capacitance
Cshunt
For crystal selection
1.3
pF
RESET_N
Pulse width
>20 µs
Crystal Enable
Baseband Reset
Start reading EEPROM and 
firmware boot
Crystal 
warm‐up 
delay: 
~ 5 ms


Similar Part No. - CYW20737L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20737 CYPRESS-CYW20737 Datasheet
678Kb / 36P
   Single-Chip Bluetooth Low Energy-Only System-On-Chip with Support for Wireless Charging
CYW20737A1KML2G CYPRESS-CYW20737A1KML2G Datasheet
678Kb / 36P
   Single-Chip Bluetooth Low Energy-Only System-On-Chip with Support for Wireless Charging
CYW20737S CYPRESS-CYW20737S Datasheet
1Mb / 24P
   Bluetooth Low Energy System-in-Package (SiP) Module
More results

Similar Description - CYW20737L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20737S CYPRESS-CYW20737S Datasheet
1Mb / 24P
   Bluetooth Low Energy System-in-Package (SiP) Module
logo
ON Semiconductor
RSL10SIP ONSEMI-RSL10SIP Datasheet
1Mb / 20P
   Bluetooth 5 System-in-Package (SiP)
May, 2020 ??Rev. 1
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
logo
Panasonic Semiconductor
PAN1720 PANASONIC-PAN1720 Datasheet
1Mb / 39P
   Bluetooth Low Energy Module
PAN1762 PANASONIC-PAN1762 Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1780 PANASONIC-PAN1780 Datasheet
1Mb / 27P
   Bluetooth Low Energy Module
logo
List of Unclassifed Man...
MDBT50Q-1MV2 ETC2-MDBT50Q-1MV2 Datasheet
5Mb / 75P
   Bluetooth Low Energy Module
2022/07/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com