Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20737 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYW20737
Description  Single-Chip Bluetooth Low Energy-Only System-On-Chip with Support for Wireless Charging
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20737 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYW20737 Datasheet HTML 3Page - Cypress Semiconductor CYW20737 Datasheet HTML 4Page - Cypress Semiconductor CYW20737 Datasheet HTML 5Page - Cypress Semiconductor CYW20737 Datasheet HTML 6Page - Cypress Semiconductor CYW20737 Datasheet HTML 7Page - Cypress Semiconductor CYW20737 Datasheet HTML 8Page - Cypress Semiconductor CYW20737 Datasheet HTML 9Page - Cypress Semiconductor CYW20737 Datasheet HTML 10Page - Cypress Semiconductor CYW20737 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Document Number: 002-16365 Rev. *C
Page 7 of 36
CYW20737
1.7 ADC Port
The CYW20737 contains a 16-bit ADC (effective number of bits is 10).
Additionally:
There are 9 analog input channels in the 32-pin package
The following GPIOs can be used as ADC inputs:
P0
P1
P8/P33 (select only one)
P11
P12
P13/P28 (select only one)
P14/P38 (select only one)
P15
P32
The conversion time is 10 μs.
There is a built-in reference with supply- or bandgap-based reference modes.
The maximum conversion rate is 187 kHz.
There is a rail-to-rail input swing.
The ADC consists of an analog ADC core that performs the actual analog-to-digital conversion and digital hardware that processes
the output of the ADC core into valid ADC output samples. Directed by the firmware, the digital hardware also controls the input
multiplexers that select the ADC input signal Vinp and the ADC reference signals Vref.
The ADC input range is selectable by firmware control:
When an input range of 0–3.6V is used, the input impedance is 3 MΩ.
When an input range of 0–2.4V is used, the input impedance is 1.84 MΩ.
When an input range of 0–1.2V is used, the input impedance is 680 kΩ.
ADC modes are defined in Table 2.
Table 2. ADC Modes
Mode
ENOB (Typical)
Maximum Sampling Rate (kHz)
Latencya (μs)
a. Settling time after switching channels.
0
13
5.859
171
1
12.6
11.7
85
212
46.875
21
3
11.5
93.75
11
410
187
5


Similar Part No. - CYW20737

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20737L CYPRESS-CYW20737L Datasheet
1Mb / 24P
   Bluetooth Low Energy System in Package (SiP) Module
CYW20737S CYPRESS-CYW20737S Datasheet
1Mb / 24P
   Bluetooth Low Energy System-in-Package (SiP) Module
More results

Similar Description - CYW20737

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
   Bluetooth low energy wireless system-on-chip
logo
Cypress Semiconductor
CYW20736 CYPRESS-CYW20736 Datasheet
938Kb / 47P
   Single-Chip Bluetooth Low Energy System-On-Chip
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
   Single-Chip Bluetooth Low Energy-Only SoC
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
   Bluetooth짰 low energy wireless system-on-chip
November 2017 Rev 2
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com