Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1119 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1119
Description  4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1119 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1119 Datasheet HTML 24Page - Texas Instruments ADS1119 Datasheet HTML 25Page - Texas Instruments ADS1119 Datasheet HTML 26Page - Texas Instruments ADS1119 Datasheet HTML 27Page - Texas Instruments ADS1119 Datasheet HTML 28Page - Texas Instruments ADS1119 Datasheet HTML 29Page - Texas Instruments ADS1119 Datasheet HTML 30Page - Texas Instruments ADS1119 Datasheet HTML 31Page - Texas Instruments ADS1119 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
28
ADS1119
SBAS925 – AUGUST 2018
www.ti.com
Product Folder Links: ADS1119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.6.2 Register Descriptions
Table 9 lists the access codes for the ADS1119 registers.
Table 9. Register Access Type Codes
Access Type
Code
Description
R
R
Read
R/W
R/W
Read-Write
-n
Value after reset or the default value
8.6.2.1 Configuration Register (address = 0h) [reset = 00h]
Figure 41. Configuration Register
7
6
5
4
3
2
1
0
MUX[2:0]
GAIN
DR[1:0]
CM
VREF
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 10. Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7:5
MUX[2:0]
R/W
0h
Input multiplexer configuration
These bits configure the input multiplexer.
000 : AINP = AIN0, AINN = AIN1 (default)
001 : AINP = AIN2, AINN = AIN3
010 : AINP = AIN1, AINN = AIN2
011 : AINP = AIN0, AINN = AGND
100 : AINP = AIN1, AINN = AGND
101 : AINP = AIN2, AINN = AGND
110 : AINP = AIN3, AINN = AGND
111 : AINP and AINN shorted to AVDD / 2
4
GAIN
R/W
0h
Gain configuration
This bit configures the device gain.
0 : Gain = 1 (default)
1 : Gain = 4
3:2
DR[1:0]
R/W
0h
Data rate
These bits control the data rate setting.
00 : 20 SPS (default)
01 : 90 SPS
10 : 330 SPS
11 : 1000 SPS
1
CM
R/W
0h
Conversion mode
This bit sets the conversion mode for the device.
0 : Single-shot conversion mode (default)
1 : Continuous conversion mode
0
VREF
R/W
0h
Voltage reference selection
This bit selects the voltage reference source that is used for the conversion.
0 : Internal 2.048-V reference selected (default)
1 : External reference selected using the REFP and REFN inputs


Similar Part No. - ADS1119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI1-ADS1110 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
More results

Similar Description - ADS1119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com