Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1119 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1119
Description  4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1119 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1119 Datasheet HTML 12Page - Texas Instruments ADS1119 Datasheet HTML 13Page - Texas Instruments ADS1119 Datasheet HTML 14Page - Texas Instruments ADS1119 Datasheet HTML 15Page - Texas Instruments ADS1119 Datasheet HTML 16Page - Texas Instruments ADS1119 Datasheet HTML 17Page - Texas Instruments ADS1119 Datasheet HTML 18Page - Texas Instruments ADS1119 Datasheet HTML 19Page - Texas Instruments ADS1119 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
To ADC
AINP
AINN
AIN0
AIN1
AGND
AVDD
AGND
AVDD
AGND
AIN2
AIN3
AVDD
AGND
AVDD
AGND
AVDD / 2
Rail-to Rail
Buffers
16
ADS1119
SBAS925 – AUGUST 2018
www.ti.com
Product Folder Links: ADS1119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Multiplexer
Figure 27 shows the flexible input multiplexer of the device. Either four single-ended signals, two differential
signals, or a combination of two single-ended signals and one differential signal can be measured. The positive
(AINP) and negative (AINN) inputs selected for measurement are configured by three bits (MUX[2:0]) in the
configuration register. When single-ended signals need to be measured, the negative ADC input (AINN) can
internally be connected to AGND by a switch within the multiplexer.
Figure 27. Analog Input Multiplexer
Electrostatic discharge (ESD) diodes to AVDD and AGND protect the inputs. The absolute voltage on any input
must stay within the range provided by Equation 3 to prevent the ESD diodes from turning on:
AGND – 0.3 V < V(AINx) < AVDD + 0.3 V
(3)
If the voltages on the input pins have any potential to violate these conditions, external Schottky clamp diodes or
series resistors may be required to limit the input current to safe values (see the Absolute Maximum Ratings
table). Overdriving an unused input on the device can affect conversions taking place on other input pins.


Similar Part No. - ADS1119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI1-ADS1110 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
More results

Similar Description - ADS1119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com