Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7092 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7092
Description  Integrated Circuit Hybrid Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7092 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Transistor Characteristics (Cont’d)
DC Current Gain
NTE7092
hFE
VCE = 4V, IC = 1A
10
30
NTE7093
13
40
NTE7094, NTE7095
15
40
Collector Cutoff Current
NTE7092
ICEX
VCE = 950V, VBE = 1.5V
1
mA
NTE7093, NTE7094
VCE = 550V, VBE = 1.5V
1
mA
NTE7095
VCE = 900V, VBE = 1.5V
1
mA
Base–Emitter Voltage
VEB(R)
IEB(R) = 100µA, Note 3
1
V
Base–Emitter Saturation Voltage
NTE7092, NTE7093, NTE7095
VBE(sat) IC = 2A, IB = 0.4A
1.5
V
NTE7094
IC = 5A, IB = 1A
1.5
V
Switching Time
ts
VCC = 250V, IC = 2A,
7
µs
NTE7092
tr
IB1 = 0.15A, IB2 = 0.5A
1
µs
NTE7093
ts
IC = 2A, RL = 50Ω, IB1 = 0.3A,
12
µs
tr
IB2 = –0.3A
0.4
µs
NTE7094
ts
IC = 3A, RL = 33Ω, IB1 = 0.5A,
12
µs
tr
IB2 = –0.5A
0.7
µs
NTE7095
ts
IC = 3A, RL = 83Ω, IB1 = 0.4A,
12
µs
tr
IB2 = –0.4A
0.4
µs
Note 3. The reverse Bias Current (Pulse) of Base–Emitter is no more than 400mA.
–VD Sense (–)
Pin Connection Diagram
5
4
3
2
Current Detector
GND
Input (C)
Base Drive (B)
1
(Front View)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn