Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH373 Datasheet(PDF) 1 Page - Anachip Corp

Part # AH373
Description  Internal Pull-up Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH373 Datasheet(HTML) 1 Page - Anachip Corp

  AH373 Datasheet HTML 1Page - Anachip Corp AH373 Datasheet HTML 2Page - Anachip Corp AH373 Datasheet HTML 3Page - Anachip Corp AH373 Datasheet HTML 4Page - Anachip Corp AH373 Datasheet HTML 5Page - Anachip Corp AH373 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AH373
Internal Pull-up Hall Effect Latch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.0 Jan 31, 2005
1/6
Features
- Bipolar Hall effect latch sensor
- 2.2V to 20V DC operation voltage
- Built-in pull-up resistor
- 25mA output sink current
- Operating temperature:
C
125
~
C
40
°
+
°
- Package: SIP3, SOT23
Applications
- Rotor position sensing
- Current switch
- Encoder
- RPM detection
Pin Assignment
373
1
2 : GND
3 : OUT
23
373
1
2
3
1 : VCC
(Top view)
(SIP3 package)
( SOT23 package)
General Description
AH373 is a single-digital-output Hall-effect sensor
with pull-up resistor for high temperature operation.
The device includes an on-chip Hall voltage
generator for magnetic sensing, an amplifier to
amplify Hall voltage, and a comparator to provide
switching hysteresis for noise rejection, and an
output driver with a pull-up resistor (Rpu). An
internal bandgap regulator is used to provide
temperature compensated supply voltage for
internal circuits and allows a wide operating supply
range. While the magnetic flux density (B) is larger
than operate point (Bop), the OUT pin turns on
(low). If B moves toward release point (Brp), the
OUT pin is latched “on” state prior to B < Brp. When
B < Brp, the OUT pin go into “ off ” state.
Pin Descriptions
Name
Description
VCC
Positive Power Supply
GND
Ground
OUT
Output Pin
Ordering Information
AH373 X - X X X
Packing
Blank : Tube or Bulk
A : Tape & Reel
P: SIP-3L
W: SOT23-3L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Blank or
A~Z : if necessary
to specify


Similar Part No. - AH373

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373-PG-A DIODES-AH373-PG-A Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373-PG-B DIODES-AH373-PG-B Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373-PL-A DIODES-AH373-PL-A Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373-PL-B DIODES-AH373-PL-B Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
More results

Similar Description - AH373

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
   Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com