Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-K33T Datasheet(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K33T
Description  Automotive 2.5 A Peak High Output Current SiC MOSFET and IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO-8
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K33T Datasheet(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-K33T Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-K33T Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-K33T Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-K33T Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-K33T Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-K33T Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-K33T Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-K33T Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ACPL-K33T Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Avago Technologies
- 17 -
ACPL-K33T
Data Sheet
Thermal Resistance Model for ACPL-K33T
Measurement is done on both low and high conductivity boards as shown in the following table.
NOTE
These thermal resistances R11, R12, R21 and R22 can be improved by increasing the ground plane/copper area.
Application and environment design for ACPL-K33T needs to ensure that the junction temperature of the internal IC and LED
within the gate drive optocoupler do not exceed 150 °C. Use equation (1) and equation (2) to estimate the junction temperatures.
For example:
Calculation of LED and output IC power dissipation:
LED power dissipation, PE = IF(LED) (Recommended Max) × VF(LED) (at 125 °C) × Duty Cycle
= 13 mA × 1.25 V × 50%
= 8.125 mW
Output IC power dissipation, PO = VCC (Recommended Max) × ICC(Max) + PHS + PLS
= 30 V × 4.2 mA + 60 mW + 34.3 mW
= 220.3 mW
where
Layout
Measurement Data
Low conductivity board per JEDEC 51-3:
R11 = 191 °C/W
R12 = R21 = 68.5 °C/Wx
22 = 77 °C/W
High conductivity board per JEDEC 51-7:
R11 = 155 °C/W
R12 = R21 = 64 °C/W
R22=41 °C/W
PHS
= High side switching power dissipation
= (VCC × QG × fPWM) × RDS,OH(MAX)/(RDS,OH(MAX) + RGH)/2
= (30 V × 80 nC × 200 kHz) × 4
/(4 +12 )/2
= 60 mW
PLS
= Low side switching power dissipation
= (VCC × QG × fPWM) × RDS,OL(MAX)/(RDS,OL(MAX) + RGL)/2
= (30 V × 80 nC × 200 kHz) × 2
/(2 +12 )/2
= 34.3 mW
QG
= Gate charge at supply voltage
fPWM
= LED switching frequency
RGH
= Gate charging resistance
RGL
= Gate discharging resistance
76.2 mm


Similar Part No. - ACPL-K33T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K30T AVAGO-ACPL-K30T Datasheet
302Kb / 10P
   Automotive Photovoltaic MOSFET Driver
logo
Broadcom Corporation.
ACPL-K312 BOARDCOM-ACPL-K312 Datasheet
1Mb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Low ICC and UVLO in Stretched SO8
ACPL-K342 BOARDCOM-ACPL-K342 Datasheet
1Mb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K342-000E AVAGO-ACPL-K342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-K342-060E AVAGO-ACPL-K342-060E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - ACPL-K33T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K34T AVAGO-ACPL-K34T Datasheet
498Kb / 15P
   Automotive 2.5 A Peak High Output Current MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO8
logo
Broadcom Corporation.
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
   4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P345 AVAGO-ACPL-P345 Datasheet
331Kb / 15P
   1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P340 AVAGO-ACPL-P340 Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-H342 AVAGO-ACPL-H342 Datasheet
781Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
logo
Broadcom Corporation.
ACPL-H342 BOARDCOM-ACPL-H342 Datasheet
1Mb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
ACPL-P346 BOARDCOM-ACPL-P346 Datasheet
1Mb / 20P
   2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
   2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com