Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7085 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7085
Description  Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for Monitor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7085 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, +VCC1 = 12V, +VCC7 = 24V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current in Driver Power Supply
ICC1
1.8
2.8
3.8
mA
Trigger Input Threshold Voltage
V2
2.8
3.1
3.4
V
Voltage on Vertical Size Control Pin
V3
5.9
6.1
6.3
V
Ramp Waveform Shape Start Voltage
VRAMP
4.7
5.0
5.3
V
Pump–Up Charge Saturation Voltage
VS8–10
1.5
V
Pump–Up Discharge Saturation Voltage
VS8–10 I = 1.1A
3.2
V
Deflection Output Saturation Voltage
Lower
VS11–10 I = 1.1A
1.5
V
Upper
VS12–11 I = 1.1A
3.5
V
Idling Current
16
22
32
mA
Voltage gain
GVO
f = 1kHz
59
dB
Pin Connection Diagram
(Front View)
VCC7
VCC1
Vertical Height Control
Vertical Trigger Input
GND
Pump–Up Output
Vertical Output
OSC Blocking
50/60Hz Vertical Size Control Signal Input
AC/DC Feedback Input to Vertical Output Section
Power Supply for Vertical Output
12
11
10
9
8
7
6
5
4
3
2
1
Ripple Filter
13
Ramp Waveform Generator


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn