Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7085 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7085
Description  Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for Monitor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7085 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE7085
Integrated Circuit
Vertical Deflection Output Circuit
w/Drive Circuit for Monitor
Description:
The NTE7085 is an integrated circuit in a 13–Lead SIP type package that contains a vertical deflection
output circuit with a driver for color, B/W TV sets, monitors, and display units with a large aperture
(maximum current 2.2AP–P).
The NTE7085 can be used in conjunction with the NTE1863 (NTSC) to provide all the functions re-
quired for color TV signal processing.
Features:
D Low Power Dissipation due to On–Chip Pump–Up Circuit
D On–Chip 50/60Hz Vertical Size Control Circuit
D On–Chip Ramp Generator
D On–Chip Driver Circuit
D Vertical Output Circuit
D On–Chip Thermal Protection Circuit
D Minimum Number of External Parts Required
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Driver Circuit Supply Voltage, +VCC1max
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pump–Up Circuit Supply Voltage, +VCC7max
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Circuit Supply Voltage, +VCC12max
62V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Output Current, IDEF
–1.5 to +1.5AP–O
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (With Infinite Heat Sink), Pdmax
8W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
+4
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Supply Voltage Conditions:
Driver Circuit Supply Voltage, +VCC1
8 to 14V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pump–Up Circuit Supply Voltage, +VCC7
10 to 27V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Driver Circuit Supply Voltage, +VCC1
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pump–Up Circuit Supply Voltage, +VCC7
24V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Deflection Output Current, I11P–P
2.2AP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn