Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSD-02-SAC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. TSD-02-SAC
Description  Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

TSD-02-SAC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  TSD-02-SAC Datasheet HTML 1Page - PHOENIX CONTACT TSD-02-SAC Datasheet HTML 2Page - PHOENIX CONTACT TSD-02-SAC Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/1208487
08.08.2012   Page 1 / 3
Torque screwdriver - TSD 02 SAC - 1208487
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
The figure shows the TSD 04
SAC version
Why buy this product
 Wide range of SAC... nuts for various different applications
 The TSD-M... adapters can accommodate the various nuts
 TSD ... SAC torque screwdrivers with a range of preset torques from 0.2 Nm to 2.5 Nm
 For the TSD-M... torque screwdrivers, the torque can be custom-set
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 292 (CL2-2011)
GTIN
Custom tariff number
82054000
Country of origin
CZECH REPUBLIC
Technical data
General
Length (b)
205 mm
Width (a)
37 mm
Color
black
Design
Hexagonal SW4
Blade height
100 mm
Classifications
eclass
eCl@ss 4.0
21040401
eCl@ss 4.1
21040401
eCl@ss 5.0
21040401
eCl@ss 5.1
21040401


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn