Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSD-02-SAC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. TSD-02-SAC
Description  Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

TSD-02-SAC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  TSD-02-SAC Datasheet HTML 1Page - PHOENIX CONTACT TSD-02-SAC Datasheet HTML 2Page - PHOENIX CONTACT TSD-02-SAC Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/1208487
08.08.2012   Page 3 / 3
Torque screwdriver - TSD 02 SAC - 1208487
Accessories
Tool - SAC BIT M8-D10 - 1208461
Nut for assembling sensor/actuator cables with M8 connector and for M8 connectors with QUICKON fast
connection technology, for 4 mm hexagonal drive
 
 
Tool - SACC BIT M8-D12 - 1208474
Nut for assembling SACC M8 connectors for free assembly with longitudinal knurl, excluding M8 connectors
with QUICKON fast connection technology, for 4 mm hexagonal drive
 
 
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn