Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-PZSL-1-80-VDE Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # SF-PZSL-1-80-VDE
Description  Screwdriver, plus/minus PZ/slotted, VDE-insulated, size: PZ 1 x 80, 2-component grip, with non-slip grip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SF-PZSL-1-80-VDE Datasheet(HTML) 3 Page - PHOENIX CONTACT

  SF-PZSL-1-80-VDE Datasheet HTML 1Page - PHOENIX CONTACT SF-PZSL-1-80-VDE Datasheet HTML 2Page - PHOENIX CONTACT SF-PZSL-1-80-VDE Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/us/products/1212556
3/6/14   Page 3 / 3
Philips screwdriver - SF-PZSL 1-80 VDE - 1212556
Drawings
Pictogram
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - SF-PZSL-1-80-VDE

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-PZSL-1-80-S-VDE PHOENIX-SF-PZSL-1-80-S-VDE Datasheet
54Kb / 3P
   Screwdriver, Plus-Minus PZH slot, VDE-isolated, size: PZ 1 x 80, two component handle, with non-slip grip
More results

Similar Description - SF-PZSL-1-80-VDE

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SZK-PZ-1 PHOENIX-SZK-PZ-1 Datasheet
60Kb / 3P
   Screwdriver, PZ crosshead, VDE insulated, size: PZ 1 x 80 mm, 2-component grip, with non-slip grip
SZK-PZ-0 PHOENIX-SZK-PZ-0 Datasheet
60Kb / 3P
   Screwdriver, PZ crosshead, VDE insulated, size: PZ 0 x 80 mm, 2-component grip, with non-slip grip
SZK-PZ3-VDE PHOENIX-SZK-PZ3-VDE Datasheet
51Kb / 3P
   Screwdriver, PZ crosshead, VDE insulated, size: PZ 3 x 150 mm, 2-component grip, with non-slip grip
SF-PZSL-2-100-VDE PHOENIX-SF-PZSL-2-100-VDE Datasheet
50Kb / 3P
   Screwdriver, positive/negative PZ/bladed, VDE insulated, size: PZ 2 x 100, 2-component grip, with non-slip grip
SF-PZ-1-80 PHOENIX-SF-PZ-1-80 Datasheet
53Kb / 2P
   Screwdriver, PZ crosshead (lasered), uninsulated, size: PZ 1 x 80, 2-component grip, with non-slip grip
SF-PZSL-1-80-S-VDE PHOENIX-SF-PZSL-1-80-S-VDE Datasheet
54Kb / 3P
   Screwdriver, Plus-Minus PZH slot, VDE-isolated, size: PZ 1 x 80, two component handle, with non-slip grip
SF-PZ-2-100 PHOENIX-SF-PZ-2-100 Datasheet
49Kb / 3P
   Screwdriver, PZ crosshead (lasered), uninsulated, size: PZ 2 x 150, 2-component grip, with non-slip grip
SZK-PH1-VDE PHOENIX-SZK-PH1-VDE Datasheet
60Kb / 3P
   Screwdriver, PH crosshead, VDE insulated, size: PH 1 x 80 mm, 2-component grip, with non-slip grip
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
   Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
SZK-PH0 PHOENIX-SZK-PH0 Datasheet
60Kb / 3P
   Screwdriver, PH crosshead, VDE insulated, size: PH 0 x 80 mm, 2-component grip, with non-slip grip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com