Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLN015 Datasheet(PDF) 2 Page - Littelfuse

Part # BLN015
Description  Fast-acting Midget / 5AG Size Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BLN015 Datasheet(HTML) 2 Page - Littelfuse

  BLN015 Datasheet HTML 1Page - Littelfuse BLN015 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
16
Cartridge and Axial Lead Fuses
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: July 10, 2016
BLN Series
Fast-Acting Type > BLN Series
.
Please refer to www.littelfuse.com/series/BLN.html for current information.
Average Time Current Curves
Temperature Rerating Curve
38.1
(1.50")
10.31
(.406")
Dimensions
1000
100
10
1
0.1
0.01
10
100
1000
0.1
1
CURRENT IN AMPERES
BLN Series, (1A - 6A)
1000
100
10
1
0.1
0.01
10
100
1000
0.1
1
CURRENT IN AMPERES
BLN Series, (8A - 30A)


Similar Part No. - BLN015

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLN015.T LITTELFUSE-BLN015.T Datasheet
303Kb / 4P
   Supplemental Fuses BLN Series
Rev: 100121
More results

Similar Description - BLN015

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLF LITTELFUSE-BLF_15 Datasheet
383Kb / 2P
   Fast-acting Midget / 5AG Size Fuse
BLF LITTELFUSE-BLF_V01 Datasheet
845Kb / 2P
   BLF Series Fast-acting Midget / 5AG Size Fuse
Revised: April 12, 2021
BLF LITTELFUSE-BLF Datasheet
177Kb / 2P
   BLF Series Laminated Body Fast-acting Midget / 5AG Size Fuse
BLN LITTELFUSE-BLN Datasheet
173Kb / 2P
   BLN Series Fibre Body Fast-acting Midget / 5AG Size Fuse
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
   Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
HLQ-10 COOPER-HLQ-10 Datasheet
36Kb / 1P
   Specialty Fuse Fast-Acting, Size Rejecting
logo
Eaton All Rights Reserv...
GLQ EATON-GLQ Datasheet
153Kb / 2P
   Specialty fuse, fast-acting, size rejecting
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
   2AG Fast-Acting Fuse
logo
Bel Fuse Inc.
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0AKH BEL-0AKH Datasheet
520Kb / 3P
   Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com