Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30105 Datasheet(PDF) 30 Page - Zarlink Semiconductor Inc

Part # ZL30105
Description  T1/E1/SDH Stratum 3 Redundant System Clock Synchonizer for AdvancedTCA and H.110
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30105 Datasheet(HTML) 30 Page - Zarlink Semiconductor Inc

Back Button ZL30105 Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 28Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 30Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 31Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 32Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 33Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 34Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
ZL30105
Data Sheet
30
Zarlink Semiconductor Inc.
4.7
Pull-in
Range
Also referred to as capture range. This is the input frequency range over which the PLL must be able to pull into
synchronization.
4.8
Lock Range
This is the input frequency range over which the synchronizer must be able to maintain synchronization.
4.9
Phase Slope
Phase slope is measured in seconds per second and is the rate at which a given signal changes phase with respect
to an ideal signal. The given signal is typically the output signal. The ideal signal is of constant frequency and is
nominally equal to the value of the final output signal or final input signal. Another way of specifying the phase slope
is as the fractional change per time unit. For example; a phase slope of 61
µs/s can also be specified as 61 ppm.
4.10
Time Interval Error (TIE)
TIE is the time delay between a given timing signal and an ideal timing signal.
4.11
Maximum Time Interval Error (MTIE)
MTIE is the maximum peak to peak delay between a given timing signal and an ideal timing signal within a
particular observation period.
4.12
Phase Continuity
Phase continuity is the phase difference between a given timing signal and an ideal timing signal at the end of a
particular observation period. Usually, the given timing signal and the ideal timing signal are of the same frequency.
Phase continuity applies to the output of the PLL after a signal disturbance due to a reference switch or a mode
change. The observation period is usually the time from the disturbance, to just after the synchronizer has settled to
a steady state.
4.13
Lock Time
This is the time it takes the PLL to frequency lock to the input signal. Phase lock occurs when the input signal and
output signal are aligned in phase with respect to each other within a certain phase distance (not including jitter).
Lock time is affected by many factors which include:
initial input to output phase difference
initial input to output frequency difference
PLL loop filter bandwidth
PLL phase slope limiter
in-lock phase distance
The presence of input jitter makes it difficult to define when the PLL is locked as it may not be able to align its output
to the input within the required phase distance, dependent on the PLL bandwidth and the input jitter amplitude and
frequency.
Although a short lock time is desirable, it is not always possible to achieve due to other synchronizer requirements.
For instance, better jitter transfer performance is achieved with a lower frequency loop filter which increases lock
time. And better (smaller) phase slope performance (limiter) results in longer lock times.


Similar Part No. - ZL30105

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30105QDG ZARLINK-ZL30105QDG Datasheet
1Mb / 52P
   T1/E1/SDH Stratum 3 Redundant System Clock Synchronizer for AdvancedTC TM and H.110
ZL30105QDG1 ZARLINK-ZL30105QDG1 Datasheet
1Mb / 52P
   T1/E1/SDH Stratum 3 Redundant System Clock Synchronizer for AdvancedTC TM and H.110
ZL30105 ZARLINK-ZL30105_05 Datasheet
1Mb / 52P
   T1/E1/SDH Stratum 3 Redundant System Clock Synchronizer for AdvancedTC TM and H.110
More results

Similar Description - ZL30105

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30105 ZARLINK-ZL30105_05 Datasheet
1Mb / 52P
   T1/E1/SDH Stratum 3 Redundant System Clock Synchronizer for AdvancedTC TM and H.110
ZL30102 ZARLINK-ZL30102_05 Datasheet
988Kb / 48P
   T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
ZL30102 ZARLINK-ZL30102 Datasheet
481Kb / 50P
   T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
   T1/E1 Stratum 3 System Synchronizer
ZL30409 ZARLINK-ZL30409 Datasheet
483Kb / 32P
   T1/E1 System Synchronizer with Stratum 3 Holdover
ZL30409 ZARLINK-ZL30409_06 Datasheet
412Kb / 32P
   T1/E1 System Synchronizer with Stratum 3 Holdover
logo
Analog Devices
AD9553 AD-AD9553 Datasheet
699Kb / 44P
   Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
REV. 0
logo
Exar Corporation
XRT8001 EXAR-XRT8001 Datasheet
1Mb / 48P
   WAN Clock for T1 and E1 Systems
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200_05 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com