Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL30105 Datasheet(PDF) 34 Page - Zarlink Semiconductor Inc

Part No. ZL30105
Description  T1/E1/SDH Stratum 3 Redundant System Clock Synchonizer for AdvancedTCA and H.110
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30105 Datasheet(HTML) 34 Page - Zarlink Semiconductor Inc

Back Button ZL30105 Datasheet HTML 30Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 31Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 32Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 33Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 34Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 35Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 36Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 37Page - Zarlink Semiconductor Inc ZL30105 Datasheet HTML 38Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
ZL30105
Data Sheet
34
Zarlink Semiconductor Inc.
5.5
Clock Redundancy System Architecture
Carrier-Class Telecommunications Equipment deployed in today’s networks guarantee better than 99.999%
operational availability (equivalent to less than 7 minutes of downtime per year). This high level of uninterrupted
service is achieved by fully redundant architectures with hot swappable cards like an ECTF H.110 or a PICMG
AdvancedTCA™ compliant system. Timing for these types of systems can be generated by the ZL30105 which
supports primary/secondary master timing protection switching.
The architecture shown in Figure 24 and Figure 25 is based on the ZL30105 being deployed on two separate timing
cards; the primary master timing card and the secondary master timing card. In normal operation the primary
master timing card receives synchronization from the network and provides timing for the whole system. The
redundant secondary master timing card is phase locked to the backplane clock and frame pulse through its REF2
and REF2_SYNC inputs. These two designated inputs allow the secondary master timing card to track the primary
master timing card clocks with minimal phase skew. When the primary master timing card fails unexpectedly (this
failure is not related to reference failure) then all switch cards or line cards will detect this failure and they will switch
to the timing supplied by the secondary master timing card. The secondary master timing card will be promoted to
primary master and switch from using the REF2 and REF2_SYNC inputs to one of the REF0 or REF1 inputs.
Figure 24 - Typical Clocking Architecture of an ECTF H.110 System
ZL30105
REF2
REF0
Primary Master Timing Card
REF1
MT90866
Backplane
REF2_SYNC
C8o
F8o
CT_C8_A
CT_FRAME_A
CT_C8_B
CT_FRAME_B
CT_NETREF_1
CT_NETREF_2
SEC_MSTR
Master/Slave
Control
0
ZL30105
REF2
REF0
Secondary Master Timing Card
REF1
REF2_SYNC
C8o
F8o
SEC_MSTR
Master/Slave
Control
1
H.110 DX
MT90866
H.110 DX


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn