Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1214B5 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # XE1214B5
Description  1200bps Component Modem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1214B5 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button XE1214B5 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 9Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 10Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 11Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Power Supply Voltage
Vcc
4.5
5.0
5.5
Volts
Power Supply Current
Icc (on-hook)
28.0
50.0
mA
Icc (off-hook)
68.0
100.0
mA
High Level Input Voltage
Vih
2.0
Volts
Low Level Input Voltage
Vil
0.8
Volts
High Level Output Voltage
Voh
3.5
Volts
Low Level Output Voltage
Vol
0.4
Volts
Leakage Current
± 1.0
uA
ABSOLUTE MAXIMUM RATINGS*
Electrical Specifications
SUPPLY VOLTAGE - Vcc
+6 Volts
DC INPUT VOLTAGE
-0.6 Volts to (Vcc +0.6 Volts)
STORAGE TEMPERATURE RANGE
-25° C TO +85° C
LEAD TEMPERATURE(Soldering, 2 seconds per wave)
260° C
OPERATING TEMPERATURE RANGE
0 TO 70° C
*Exceeding these values may result in permanent damage to the device.
D.C. Electrical Specifications
(TA = 0 - 70°C, Vcc = 5v ±10%)
Description
Parameter
Min
Typ
Max
Units
Telephone Line Impedance Match
600
Ohms
Ring Detect Sensitivity (on hook, Type B Ringer)
38
Vrms
DC Telephone Line Current
0
20
100
milliamps
Description
Min
Typ
Max
Units
Telephone Line Interface Specification
XE1214B5
9\XECOM


Similar Part No. - XE1214B5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1218 ETC1-XE1218 Datasheet
110Kb / 9P
   FM 130 - 230 MHz LOW-POWER VHF RECEIVER
XE1218A ETC-XE1218A Datasheet
192Kb / 11P
   Low Power single die FM receiver
XE1218AS000BF ETC-XE1218AS000BF Datasheet
192Kb / 11P
   Low Power single die FM receiver
More results

Similar Description - XE1214B5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD22212 ETC1-CD22212 Datasheet
101Kb / 1P
   CMOS SINGLE - CHIP 1200BPS MODEM
XE2401L ETC-XE2401L Datasheet
80Kb / 12P
   2400bps Serial Input Component Modem
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com