Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

WS512K32NBV-15G2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. WS512K32NBV-15G2
Description  512Kx32 3.3V SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

WS512K32NBV-15G2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS512K32BV-XXXE
PACKAGE 402: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H2)
35.2 (1.385)
± 0.38 (0.015) SQ
25.4 (1.0) TYP
15.24 (0.600) TYP
0.76 (0.030)
± 0.1 (0.005)
5.7 (0.223)
MAX
3.81 (0.150)
± 0.1 (0.005)
2.54 (0.100)
TYP
25.4 (1.0) TYP
1.27 (0.050)
± 0.1 (0.005)
1.27 (0.050) TYP DIA
0.46 (0.018)
± 0.05 (0.002) DIA
PIN 1 IDENTIFIER
SQUARE PAD
ON BOTTOM
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WS512K32V512Kx32 SRAM 3.3V MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
WS512K32BV-XXXE512Kx32 3.3V SRAM MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation
HMN1M8DVNon-Volatile SRAM MODULE 8Mbit 1024k x 8bit 36Pin-DIP 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
HMS12864F8VLSRAM MODULE 1MByte 128K x 64 bit 120-Pin SMM 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WS512K32-XXX512Kx32 SRAM MODULE SMD 5962-94611 1 2 3 4 5 MoreWhite Electronic Designs Corporation
HMS25632J2VSRAM MODULE 1Mbyte 256K x 32-Bit 3.3V 68-Pin JLCC Packaging 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WSF512K32-XXX512KX32 SRAM / FLASH MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation
WS128K64V-XG4WX128Kx64 3.3V SRAM MODULE 1 2 3 4 5 List of Unclassifed Manufacturers
HMS51232J4VSRAM MODULE 2Mbyte 512Kx32Bit 68-Pin JLCC Packaging 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WSF41632-22XX128KX32 SRAM & 512Kx32 FLASH MIXED MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn