Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

WS512K32NBV-15G2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. WS512K32NBV-15G2
Description  512Kx32 3.3V SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

WS512K32NBV-15G2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS512K32BV-XXXE
AC TEST CIRCUIT
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 2.5
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
AC CHARACTERISTICS
(VCC = 3.3V, TA = -55
°C to +125°C)
Parameter
Symbol
-15*
-17
-20
Units
Read Cycle
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
ns
Address Access Time
tAA
15
17
20
ns
Output Hold from Address Change
tOH
000
ns
Chip Select Access Time
tACS
15
17
20
ns
Output Enable to Output Valid
tOE
78
10
ns
Chip Select to Output in Low Z
tCLZ1
222
ns
Output Enable to Output in Low Z
tOLZ1
000
ns
Chip Disable to Output in High Z
tCHZ1
78
10
ns
Output Disable to Output in High Z
tOHZ1
78
10
ns
1. This parameter is guaranteed by design but not tested.
* Advanced information.
AC CHARACTERISTICS
(VCC = 3.3V, TA = -55
°C to +125°C)
Parameter
Symbol
-15*
-17
-20
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
ns
Chip Select to End of Write
tCW
10
12
14
ns
Address Valid to End of Write
tAW
10
12
14
ns
Data Valid to End of Write
tDW
89
10
ns
Write Pulse Width
tWP
12
14
14
ns
Address Setup Time
tAS
00
0
ns
Address Hold Time
tAH
00
0
ns
Output Active from End of Write
tOW1
23
3
ns
Write Enable to Output in High Z
tWHZ1
88
9
ns
Data Hold Time
tDH
00
0
ns
1. This parameter is guaranteed by design but not tested.
* Advanced information.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WS512K32V512Kx32 SRAM 3.3V MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
WS512K32BV-XXXE512Kx32 3.3V SRAM MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation
HMN1M8DVNon-Volatile SRAM MODULE 8Mbit 1024k x 8bit 36Pin-DIP 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
HMS12864F8VLSRAM MODULE 1MByte 128K x 64 bit 120-Pin SMM 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WS512K32-XXX512Kx32 SRAM MODULE SMD 5962-94611 1 2 3 4 5 MoreWhite Electronic Designs Corporation
HMS25632J2VSRAM MODULE 1Mbyte 256K x 32-Bit 3.3V 68-Pin JLCC Packaging 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WSF512K32-XXX512KX32 SRAM / FLASH MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation
WS128K64V-XG4WX128Kx64 3.3V SRAM MODULE 1 2 3 4 5 List of Unclassifed Manufacturers
HMS51232J4VSRAM MODULE 2Mbyte 512Kx32Bit 68-Pin JLCC Packaging 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WSF41632-22XX128KX32 SRAM & 512Kx32 FLASH MIXED MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn