Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

WS512K32NBV-15G2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. WS512K32NBV-15G2
Description  512Kx32 3.3V SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

WS512K32NBV-15G2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS512K32BV-XXXE
PIN DESCRIPTION
I/O0-31 Data Inputs/Outputs
A0-18
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
Vcc
Power Supply
GND
Ground
NC
Not Connected
512K x 8
8
I/O 0-7
CS1
512K x 8
8
I/O 8-15
2
512K x 8
8
I/O 16-23
3
512K x 8
8
I/O 24-31
4
A 0-18
OE
WE
CS
WE
CS
WE
CS
WE
12
3
4
BLOCK DIAGRAM
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
TOP VIEW
The White 68 lead G2 CQFP fills
the same fit and function as the
JEDEC 68 lead CQFJ or 68 PLCC.
But the G2 has the TCE and lead
inspection advantage of the
CQFP form.
0.940"
PIN CONFIGURATION FOR WS512K32BV-XG2XE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WS512K32V512Kx32 SRAM 3.3V MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
WS512K32BV-XXXE512Kx32 3.3V SRAM MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation
HMN1M8DVNon-Volatile SRAM MODULE 8Mbit 1024k x 8bit 36Pin-DIP 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
HMS12864F8VLSRAM MODULE 1MByte 128K x 64 bit 120-Pin SMM 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WS512K32-XXX512Kx32 SRAM MODULE SMD 5962-94611 1 2 3 4 5 MoreWhite Electronic Designs Corporation
HMS25632J2VSRAM MODULE 1Mbyte 256K x 32-Bit 3.3V 68-Pin JLCC Packaging 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WSF512K32-XXX512KX32 SRAM / FLASH MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation
WS128K64V-XG4WX128Kx64 3.3V SRAM MODULE 1 2 3 4 5 List of Unclassifed Manufacturers
HMS51232J4VSRAM MODULE 2Mbyte 512Kx32Bit 68-Pin JLCC Packaging 3.3V 1 2 3 4 5 MoreHanbit Electronics Co.,Ltd
WSF41632-22XX128KX32 SRAM & 512Kx32 FLASH MIXED MODULE 1 2 3 4 5 MoreWhite Electronic Designs Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn