Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7082 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE7082
Description  Integrated Circuit Stepper Motor Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7082 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7082 Datasheet HTML 1Page - NTE Electronics NTE7082 Datasheet HTML 2Page - NTE Electronics NTE7082 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC Electrical Characteristics (Cont’d):
(VCC = 9.5V to 18V, VEE = 0V, TA = –20° to +70°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Count, Mode, and Reset Inputs (Pin15, Pin3, and Pin2)
HIGH Input Voltage
VIH
7.5
V
LOW Input Voltage
VIL
4.5
V
HIGH Input Current
IIH
1
µA
LOW Input Current
IIL
30
µA
External Resistor (Pin4)
Voltage at External Resistor
VRX
VCC = 12V ±15%, R4 = 130Ω ±5%
3.0
4.5
V
Output 1, Output 2, Output 3, and Output 4 (Pin6, Pin8, Pin9, and Pin11)
LOW Output Voltage
VOL
IOL = 350mA
500
1000
mV
IOL = 500mA
700
mV
LOW Output Current
IOL
500
mA
HIGH Output Current
IOH
VO = 18V
50
µA
Mode Input Table:
With the Mode Input (Pin3) the sequence of output signals, and hence the direction of rotation of the
stepping motor, can be chosen as shown below:
Mode = LOW
Mode = HIGH
Counting
Sequence
Output 1 Output 2 Output 3 Output 4 Output 1 Output 2 Output 3 Output 4
0
L
H
L
H
L
H
L
H
1
H
L
L
H
L
H
H
L
2
H
L
H
L
H
L
H
L
3
L
H
H
L
H
L
L
H
0
L
H
L
H
L
H
L
H
+VCC2
+VCC1
Pin Connection Diagram
Reset Input
N.C.
Output 3
1
2
3
4
N.C.
Mode Input
External Resistor
5
GND
6
Output 1
7
N.C.
8
Output 2
16
15
14
13
N.C.
Count Input
12 GND
11 Output 4
10
9


Similar Part No. - NTE7082

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
   Integrated Circuit Precision Voltage Reference Diode, 1.235V
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
   Integrated Circuit RGB Video Amplifier System
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
More results

Similar Description - NTE7082

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com