Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7082 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7082
Description  Integrated Circuit Stepper Motor Driver
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7082 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE7082
Integrated Circuit
Stepper Motor Driver
Description:
The NTE7082 is a bipolar integrated circuit in a 16–Lead DIP type package intended for driving a four–
phase two–state motor. The circuit consists of a bidirectional four–state counter and a code converter
to drive the four outputs in the sequence required for driving a stepping motor.
Features:
D High Noise Immunity Inputs
D Clockwise and Counter–Clockwise Operation
D Reset Facility
D High Output Current
D Outputs Protected Against Damage by Overshoot
Applications:
D Automotive Industry
D Industrial
D Office Equipment
D EDP
Absolute Maximum Ratings:
DC Supply Voltage, VCC1, VCC2
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage (All Inputs), VI
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into Pin4, IRX
120mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IOL
500mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Electrical Characteristics:
(VCC = 9.5V to 18V, VEE = 0V, TA = –20° to +70°C unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage Range
VCC
8.5
18.0
V
Supply Current
ICC
VCC1 = 12V, unloaded,
all outputs HIGH, Pin4 Open
2.0
4.5
6.5
mA


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn