Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCD188R71H103KA01 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GCD188R71H103KA01
Description  GCD188R71H103KA01
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCD188R71H103KA01 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GCD188R71H103KA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Pre-and Post-Stress
Electrical Test
2 High Temperature
The measured and observed characteristics should satisfy Solder the capacitor on the test substrate(glass epoxy board).
Exposure (Storage)
the specifications in the following table.
Set the capacitor for 1000+/-12h at 150+/-3℃.
Appearance No marking defects
Set for 24+/-2h at room temperature, then measure.
Capacitance Within +/-10.0%
・ Initial measurement
Change
Perform a heat treatment at 150+0/-10 ℃for 1h and then sit
D.F.
0.03 max.
for 24+/-2h at room temperature.Perform the initial measurement.
I.R.
Within the specified initial value.
25℃
3 Temperature Cycling
The measured and observed characteristics should satisfy Solder the capacitor on the test substrate(glass epoxy board).
the specifications in the following table.
Perform the 1000 cycles test according to the four heat treatments
Appearance No marking defects
listed in the following table.
Set for 24+/-2h at room temperature, then measure.
Capacitance Within +/-10.0%
Change
D.F.
0.03 max.
・ Initial measurement
I.R.
Within the specified initial value.
Perform a heat treatment at 150+0/-10 ℃for 1h and then sit
25℃
for 24+/-2h at room temperature.Perform the initial measurement.
4 Destructive
No defects or abnormalities
Per EIA-469.
Physical Analysis
5 Moisture Resistance
The measured and observed characteristics should satisfy Solder the capacitor on the test substrate(glass epoxy board).
the specifications in the following table.
Apply the 24h heat (25℃ to 65℃) and humidity (80%RH to 98%RH)
Appearance No marking defects
treatment shown below, 10 consecutive times.
Set for 24+/-2h at room temperature, then measure.
Capacitance Within +/-12.5%
Change
D.F.
0.03 max.
I.R.
Within the specified initial value.
25℃
・ Initial measurement
Perform a heat treatment at 150+0/-10 ℃for 1h and then sit
for 24+/-2h at room temperature.Perform the initial measurement.
6 Biased Humidity
The measured and observed characteristics should satisfy Solder the capacitor on the test substrate(glass epoxy board).
the specifications in the following table.
Apply the rated voltage and 1.3+0.2/-0Vdc (add 6.8kΩ resister)
Appearance No marking defects
at 85+/-3℃ and 80%RH to 85%RH humidity for 1000+/-12h.
The charge/discharge current is less than 50mA.
Capacitance Within +/-12.5%
Remove and set for 24+/-2h at room temperature, then measure.
Change
D.F.
0.035 max.
・ Initial measurement
Perform a heat treatment at 150+0/-10 ℃for 1h and then sit
I.R.
More than 1,000MΩ or 50Ω・F
for 24+/-2h at room temperature.Perform the initial measurement.
25℃
(Whichever is smaller)
■AEC-Q200 Murata Standard Specification and Test Methods
No
AEC-Q200 Test Item
Specification.
AEC-Q200 Test Method
1
-
One cycle 24hours
Hours
Initial measuremt
+10
- 2 ℃
Humidity
90~98%
Humidity
80~98%
Humidity
80~98%
Humidity
90~98%
Humidity
90~98%
0
1 2
3
4 5
6
7
8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Temperature
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
-5
-10
(℃)
Step
1
2
3
4
Temp.
(
C)
Min.Operating Temp.+0/-3
Room
Temp. Max.Operating Temp. +3/-0
Room
Temp.
Time
(min)
15+/-3
1
15+/-3
1
JEMCGS-00806D
2


Similar Part No. - GCD188R71H103KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCD188R71H103KA01 MURATA1-GCD188R71H103KA01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com