Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCD188R71H103KA01 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # GCD188R71H103KA01
Description  GCD188R71H103KA01
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCD188R71H103KA01 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button GCD188R71H103KA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCD188R71H103KA01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1.Tape Carrier Packaging(Packaging Code:D/E/F/L/J/K)
1.1 Minimum Quantity(pcs./reel)
Paper Tape
Plastic Tape
Paper Tape
Plastic Tape
Code:D/E
Code:L
Code:J/ F
Code:K
GCD18
8
4000
10000
6
4000
10000
9
4000
10000
B
3000
10000
1.2 Dimensions of Tape
 (1)GCD18/21 <Paper Tape>
(in mm)
LW Dimensions
T Dimensions
Tolerance(Chip)
(Chip)
GCD18
8
±0.1
0.8±0.1
1.05±0.10
1.85±0.10
6
±0.15
0.6±0.1
9
±0.15
0.85±0.1
 (2)GCD21 <Plastic Tape>
(in mm)
LW Dimensions
T Dimensions
Tolerance(Chip)
(Chip)
GCD21
B
±0.15
1.25±0.15
1.45±0.20
2.25±0.20
2.0 max.
1.1 max.
GCD21
1.55±0.15
2.30±0.15
Type
A
B
t
Type
A
B
t
Package
GCD Type
Type
φ180mm reel
φ330mm reel
GCD21
4.0±0.1
4.0±0.1
2.0±0.1
φ1.5
+0.1
-0
t
4.0±0.1
t
2.0±0.1
φ1.5
+0.1
-0
4.0±0.1
0.25±0.1(T≦2.0mm)
0.3±0.1 (T:2.5mm)
JEMCGP-04218
7


Similar Part No. - GCD188R71H103KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCD188R71H103KA01 MURATA1-GCD188R71H103KA01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com