Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC355XD72J274KX05 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GC355XD72J274KX05
Description  Chip Monolithic Ceramic Capacitor for Automotive
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC355XD72J274KX05 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GC355XD72J274KX05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GC355XD72J274KX05 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GC355XD72J274KX05 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GC355XD72J274KX05 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GC355XD72J274KX05 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GC355XD72J274KX05 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GC355XD72J274KX05 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GC355XD72J274KX05 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GC355XD72J274KX05 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
■Storage and Operation Conditions
1. The performance of chip monolithic ceramic capacitors may be affected by the storage conditions.
1-1. Store the capacitors in the following conditions:
Room Temperature of +5
C to +40°C and a Relative Humidity of 20% to 70%.
(1) Sunlight, dust, rapid temperature changes, corrosive gas atmosphere, or high temperature
and humidity conditions during storage may affect solderability and packaging performance.
Therefore, please maintain the storage temperature and humidity. Use the product within six months,
as prolonged storage may cause oxidation of the electrodes.
(2) Please confirm solderability before using after six months. Store the capacitors without opening the
original bag. Even if the storage period is short, do not exceed the specified atmospheric conditions.
1-2. Corrosive gas can react with the termination (external) electrodes or lead wires of capacitors, and result in
poor solderability. Do not store the capacitors in an atmosphere consisting of corrosive gas
(e.g., hydrogen sulfide, sulfur dioxide, chlorine, ammonia gas, etc.).
1-3. Due to moisture condensation caused by rapid humidity changes, or the photochemical change caused by
direct sunlight on the terminal electrodes and/or the resin/epoxy coatings, the solderability and electrical
performance may deteriorate. Do not store capacitors under direct sunlight or in high humidity conditions.
■Rating
1. Temperature Dependent Characteristics
1. The electrical characteristics of a capacitor can change with temperature.
1-1. For capacitors having larger temperature dependency, the capacitance may change with temperature
changes.
The following actions are recommended in order to ensure suitable capacitance values.
(1) Select a suitable capacitance for the operating temperature range.
(2) The capacitance may change within the rated temperature.
When you use a high dielectric constant type capacitor in a circuit that needs a tight (narrow)
capacitance tolerance (e.g., a time-constant circuit), please carefully consider the temperature
characteristics, and carefully confirm the various characteristics in actual use conditions and the
actual system.
2. Measurement of Capacitance
1. Measure capacitance with the voltage and frequency specified in the product specifications.
1-1. The output voltage of the measuring equipment may decrease occasionally when capacitance is high.
Please confirm whether a prescribed measured voltage is impressed to the capacitor.
1-2. The capacitance values of high dielectric constant type capacitors change depending on the AC voltage
applied. Please consider the AC voltage characteristics when selecting a capacitor to be used in an AC
circuit.
3. Applied Voltage
1. Do not apply a voltage to the capacitor that exceeds the rated voltage as called out in the specifications.
1-1. Applied voltage between the terminals of a capacitor shall be less than or equal to the rated voltage.
(1) When AC voltage is superimposed on DC voltage, the zero-to-peak voltage shall not exceed the
rated DC voltage.
When AC voltage or pulse voltage is applied, the peak-to-peak voltage shall not exceed the rated
DC voltage.
(2) Abnormal voltages (surge voltage, static electricity, pulse voltage, etc.) shall not exceed the rated
DC voltage.
Typical Voltage Applied to the DC Capacitor
DC Voltage
DC Voltage + AC
AC Voltage
Pulse Voltage
(E:Maximum possible applied voltage.)
CAUTION
!
E
E
E
E
0
0
0
0
!
JEMCGC-02985
8


Similar Part No. - GC355XD72J274KX05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GC355XD72J274KX05L MURATA-GC355XD72J274KX05L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results

Similar Description - GC355XD72J274KX05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM2195C1H102JA16 MURATA-GCM2195C1H102JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H3R9BA16 MURATA-GCM1885C1H3R9BA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H150FA16 MURATA-GCM1885C1H150FA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM216R71H222KA37 MURATA-GCM216R71H222KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM21BR71C474KA37 MURATA-GCM21BR71C474KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H9R1DA16 MURATA-GCM1885C1H9R1DA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM319R71H104KA37 MURATA-GCM319R71H104KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H6R8BA16 MURATA-GCM1885C1H6R8BA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H181JA16 MURATA-GCM1885C1H181JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H3R9CA16 MURATA-GCM1885C1H3R9CA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885G1H101JA16 MURATA-GCM1885G1H101JA16 Datasheet
820Kb / 28P
   Chip Monolithic Ceramic Capacitor for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com