Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7081 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE7081
Description  Integrated Circuit RGB Video Amplifier System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7081 Datasheet(HTML) 3 Page - NTE Electronics

  NTE7081 Datasheet HTML 1Page - NTE Electronics NTE7081 Datasheet HTML 2Page - NTE Electronics NTE7081 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VCC2
Clamp Gate
VCC1
VCC1VCC1
VINREF
Pin Connection Diagram
GND
Contrast
G Drive
G Clamp (–)
1
2
3
4
Contrast Cap
Contrast Cap
R Video Input
5
R Clamp Cap
6
G Video Input
7
8
G Clamp Cap
28
27
26
25
R Drive
R Clamp (–)
R Video Output
24
R Clamp (+)
23
22
21
G Video Output
9
B Video Input
20
G Clamp (+)
B Drive
10
B Clamp Cap
11
19
18
B Clamp (–)
12
17
B Video Output
13
16
B Clamp (+)
14
15
1.469 (37.32) Max
1.300 (33.02)
.540
(13.7)
.600
(15.24)
.250
(6.35)
.122
(3.1)
Min
.100 (2.54)
15
28
14
1


Similar Part No. - NTE7081

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
   Integrated Circuit Precision Voltage Reference Diode, 1.235V
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
More results

Similar Description - NTE7081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
[Old version datasheet]   LM1203 RGB Video Amplifier System
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
NTE Electronics
NTE875 NTE-NTE875 Datasheet
32Kb / 4P
   Integrated Circuit Video IF Amplifier/PLL Detector System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com