Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VID50-12P1 Datasheet(PDF) 1 Page - IXYS Corporation

Part No. VID50-12P1
Description  IGBT Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VID50-12P1 Datasheet(HTML) 1 Page - IXYS Corporation

  VID50-12P1 Datasheet HTML 1Page - IXYS Corporation VID50-12P1 Datasheet HTML 2Page - IXYS Corporation VID50-12P1 Datasheet HTML 3Page - IXYS Corporation VID50-12P1 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
1 - 4
IXYS reserves the right to change limits, test conditions and dimensions.
VDI 50-12P1 VII 50-12P1
VID 50-12P1 VIO 50-12P1
B3
I
C25
= 49 A
V
CES
= 1200 V
V
CE(sat) typ. = 3.1 V
IGBTs
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
T
C =
25°C
49
A
I
C80
T
C =
80°C
33
A
I
CM
V
GE = ±15 V; RG = 47 Ω; TVJ = 125°C
50
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 47 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
208
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 50 A; VGE = 15 V; TVJ =
25°C
3.1
3.7
V
T
VJ = 125°C
3.5
V
V
GE(th)
I
C = 1 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES;VGE = 0 V;
T
VJ =
25°C
1.1
mA
T
VJ = 125°C
4.2
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
180
nA
t
d(on)
100
ns
t
r
70
ns
t
d(off)
500
ns
t
f
70
ns
E
on
4.6
mJ
E
off
3.4
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
1.65
nF
R
thJC
(per IGBT)
0.6 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
1.2
K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 30 A
V
GE = 15/0 V; RG = 47 Ω
IGBT Modules in ECO-PAC 2
Short Circuit SOA Capability
Square RBSOA
VDI
X15
X16
NTC
L9
T16
Preliminary data sheet
Pin arangement see outlines
VII
L9
E2
K10
X16
X13
X15
NTC
VID
L9
F1
X15
X16
NTC
Features
• NPT IGBT's
- positive temperature coefficient of
saturation voltage
- fast switching
• FRED diodes
- fast reverse recovery
- low forward voltage
• Industry Standard Package
- solderable pins for PCB mounting
- isolated DCB ceramic base plate
Advantages
• space and weight savings
• reduced protection circuits
• leads with expansion bend for stress relief
Typical Applications
• AC and DC motor control
• AC servo and robot drives
• power supplies
• welding inverters
VIO
A
S


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
L486 IGBT Modules Sixpack H Bridge 1  2  3  4  IXYS Corporation
SKM500GA124D SEMITRANS M Low Loss IGBT Modules 1  2  3  4  Semikron International
SEMIX253GD126HDC Trench IGBT Modules 1  2  3  4  Semikron International
SEMIX604GB126HD Trench IGBT Modules 1  2  Semikron International
SKM100GB173D IGBT Modules 1  2  3  4  Semikron International
SKM400GA123D IGBT Modules 1  2  3  4  Semikron International
SEMIX151GD066HDS Trench IGBT Modules 1  2  Semikron International
SEMIX302GB066HD Trench IGBT Modules 1  2  3  4  Semikron International
SEMIX503GB126HD Trench IGBT Modules 1  2  3  4  Semikron International
M57957L HYBRID IC FOR DRIVING IGBT MODULES 1  2  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn