Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC25706DTR Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC25706DTR
Description  HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC25706DTR Datasheet(HTML) 5 Page - Texas Instruments

  UCC25706DTR Datasheet HTML 1Page - Texas Instruments UCC25706DTR Datasheet HTML 2Page - Texas Instruments UCC25706DTR Datasheet HTML 3Page - Texas Instruments UCC25706DTR Datasheet HTML 4Page - Texas Instruments UCC25706DTR Datasheet HTML 5Page - Texas Instruments UCC25706DTR Datasheet HTML 6Page - Texas Instruments UCC25706DTR Datasheet HTML 7Page - Texas Instruments UCC25706DTR Datasheet HTML 8Page - Texas Instruments UCC25706DTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UCC25705, UCC25706, UCC35705, UCC35706
HIGHSPEED VOLTAGE MODE PULSE WIDTH MODULATOR
SLUS473A – NOVEMBER 1999 – REVISED MARCH 2001
5
www.ti.com
pin descriptions (continued)
7
2
5
8
OUT
VDD
6
GND
SQ
Q
RD
RD
RD
1
ILIM
200 mV
CURRENT LIMIT
1 pF
20 k
30 k
0.7 V
PWM
S
Q
Q
RD
CLK
PWM
LATCH
100 mV
2 * I (MODE=1)
0 (MODE = 0)
LOW LINE
1.0 V
30 * I (MODE=1)
80
Ω (MODE = 0)
I
RC
VFF
FB
3
DISCH
4
50 mV
VDD
MODE
UCC35705 (8.8 V/8 V)
UCC35706 (12 V/8 V)
UVLO
+
+
+
+
+
+
Figure 1. Block Diagram
FUNCTIONAL DESCRIPTION
oscillator and PWM
The oscillator can be programmed to provide a duty cycle clamp or be configured to run at the maximum possible
duty cycle.
The PWM latch is set during the oscillator discharge and is reset by the PWM comparator when the CT waveform
is greater than the feedback voltage. The voltage at the FB pin is attenuated before it is applied to the PWM
comparator. The oscillator ramp is shifted by approximately 0.65-V at room temperature at the PWM comparator. The
offset has a temperature coefficient of approximately –2 mV/
°C.
The ILIM comparator adds a pulse by pulse current limit by resetting the PWM latch when VILIM > 200 mV. The PWM
latch is also reset by a low line condition (VFF <1.0 V).
All reset conditions are dominant; asserting any output will force a zero duty cycle output.
oscillator with duty cycle clamp (MODE = 1)
The timing capacitor CT is charged from ground to VFF through RT. The discharge path is through an on-chip current
sink that has a value of 30
× IDISCH, where IDISCH is the current through the external resistor RDISCH. Since the
charge and discharge currents are both proportional to VIN, their ratio, and the maximum duty cycle remains constant
as VIN varies.


Similar Part No. - UCC25706DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706DGKG4 TI1-UCC25706DGKG4 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results

Similar Description - UCC25706DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com