Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7080 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7080
Description  Integrated Circuit Precision Voltage Reference Diode, 1.235V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7080 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7080 Datasheet HTML 1Page - NTE Electronics NTE7080 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7080
Integrated Circuit
Precision Voltage Reference Diode,
1.235V
Description:
The NTE7080 is a micropower two–terminal band–gap voltage regulator diode in a TO92 type pack-
age. This device features exceptionally low dynamic impedance, low noise, and stable operation over
time and temperature. Tight voltage tolerances are achieved by on–chip trimming. The large dynam-
ic operating range enables this device to be used in applications with widely varying supplies with ex-
cellent regulation. Extremely low operating current make the NTE7080 ideal for micropower circuitry
like portable instrumentation, regulators, and other analog circuitry where extended battery life is re-
quired.
Features:
D 1.0% Tolerance
D Low Temperature Coefficient
D 1.0Ω Dynamic Impedance
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Reverse Current, IR
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Current, IF
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
0 to +70
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
IRmin ≤ IR ≤ 20mA
1.223 1.235 1.247
V
IRmin ≤ IR ≤ 20mA, TA = 0 to +70°C
1.210
1.260
V
Minimum Operating Current
IRmin
8.0
15.0
µA
TA = 0 to +70°C
20.0
µA
Reverse Breakdown Voltage Change
∆V(BR)R IRmin ≤ IR ≤ 1mA
1.0
mV
with Current
IRmin ≤ IR ≤ 1mA, TA = 0 to +70°C
1.5
mV
IRmin ≤ IR ≤ 20mA
20.0
mV
IRmin ≤ IR ≤ 20mA, TA = 0 to +70°C
25.0
mV


Similar Part No. - NTE7080

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
   Integrated Circuit RGB Video Amplifier System
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
More results

Similar Description - NTE7080

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS9491 ADMOS-AMS9491_1 Datasheet
70Kb / 7P
   1.235V VOLTAGE REFERENCE
AMS9491 ADMOS-AMS9491 Datasheet
75Kb / 7P
   1.235V VOLTAGE REFERENCE
logo
Unisonic Technologies
UTCTL431A UTC-UTCTL431A Datasheet
158Kb / 5P
   LINEAR INTEGRATED CIRCUIT PROGRAMMABLE PRECISION REFERENCE
logo
NTE Electronics
NTE998 NTE-NTE998 Datasheet
19Kb / 2P
   Integrated Circuit 1.22V Reference Diode
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
   2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com