Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMM40215 Datasheet(PDF) 2 Page - TRACO Electronic AG

Part No. TMM40215
Description  AC/DC Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMM40215 Datasheet(HTML) 2 Page - TRACO Electronic AG

  TMM40215 Datasheet HTML 1Page - TRACO Electronic AG TMM40215 Datasheet HTML 2Page - TRACO Electronic AG TMM40215 Datasheet HTML 3Page - TRACO Electronic AG TMM40215 Datasheet HTML 4Page - TRACO Electronic AG TMM40215 Datasheet HTML 5Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.tracopower.com
Page 2 of 5
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
AC/DC Power Modules
TMM 40 Series
40 Watt
Input Specifications
Input voltage ranges
– nominal
100 – 240 VAC
– AC input
85 – 264 VAC
– DC Input
120 – 370 VDC
Input frequency
47 – 440 Hz
Input current at full load (115 VAC / 230 VAC nominal input)
5 VDC models: 710 mA / 430 mA typ.
other models: 690 mA / 415 mA typ.
Leakage current
80 µA typ.
No-Load power consumption
<0.3 W
External input fuse required (recommended value)
3 A slow blow type or characteristic C
Output Specifications
Voltage set accuracy
±2% typ.
Minimum load
no minimum load required
Regulation
– Input variation
0.5% typ.
– Load variation (0 - 100%)
single output models: 1.0% typ.
dual output models: 2.0% typ.
Temperature coefficient
0.02 %/K
Ripple and noise (20 MHz bandwidth)
5.0 VDC model: 1.8% of Vout [Vp-p] max.
other models: 1.3% of Vout [Vp-p] max.
Current limitation
above 105 % of rated output current.
hiccup, auto recovery
Overvoltage protection by Zener diode (main output only)
120 % of Vout typ.
Short circuit protection
continuous, automatic recovery
Max. capacitive load
5.0 VDC model: 8000 µF
12 VDC model: 3900 µF
15 VDC model: 3900 µF
24 VDC model: 680 µF
±12 VDC model: 1500 µF (each output)
±15 VDC model: 1000 µF (each output)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn