Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMM40112 Datasheet(PDF) 3 Page - TRACO Electronic AG

Part No. TMM40112
Description  AC/DC Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMM40112 Datasheet(HTML) 3 Page - TRACO Electronic AG

  TMM40112 Datasheet HTML 1Page - TRACO Electronic AG TMM40112 Datasheet HTML 2Page - TRACO Electronic AG TMM40112 Datasheet HTML 3Page - TRACO Electronic AG TMM40112 Datasheet HTML 4Page - TRACO Electronic AG TMM40112 Datasheet HTML 5Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.tracopower.com
Page 3 of 5
AC/DC Power Modules
TMM 40 Series
40 Watt
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
General Specifications
Temperature ranges
– Operating (natural convection cooling 20 LFM)
–40°C to +80°C
– Power derating above +60°C
3.75 %/K
– Storage (non operating)
–40°C to +95°C
Over temperature protection
shutdown: above 90°C (at 142°C internal IC temeperature)
automatic recovery: at approx 67°C
Humidity (non condensing)
95 % rel max.
Altitude during operation
5000 m
Switching frequency (pulse width modulation PWM)
130 kHz typ.
Hold-up time
115 VAC: 25 ms typ.
230 VAC: 80 ms typ.
Isolation voltage
– Input/Output
4‘000 VAC
Isolation resistance
– at 500 VDC
1‘000 MOhm
Reliability /calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>200’000 h
EMI / RFI conducted and radiated
EN 55022, class B, FCC part 15, level B
EN 55011 class B
Electromagnets compatibility – Electrostatic discharge ESD
IEC / EN 61000-4-2, 8kV/4kV perf. criteria A
(EMC), immunity
– RF field immunity
IEC / EN 61000-4-3, 10V/m perf. criteria A
– Electrical fast transients/burst immunity
IEC / EN 61000-4-4, ±2kV perf. criteria A
– Surge
IEC / EN 61000-4-5, ±1kV perf. criteria A
– Conducted RF
IEC / EN 61000-4-6, 10 Vr.m.s perf. criteria A
– Magnetic field immunity
IEC / EN 61000-4-8, 30 A/m perf. criteria A
– Voltage dip and interruptions (115 VAC / 60 Hz)
IEC / EN 61000-4-11 30%,10ms perf. criteria A
IEC / EN 61000-4-11 60%,10ms perf. criteria A
IEC / EN 61000-4-11 95%, 5s perf. criteria B
Protection class II
acording IEC/EN 60536
Safety standards
UL 60950-1, IEC/EN 60950-1,
IEC/EN 60601-1 3rd edition, 2 x MOPP
ANSI/AAMI ES60601-1:2005(R)2012
UL 508 for chassis mount version
– Certification documents
www.tracopower.com/overview/tmm40
Casing material
plastic resin (UL 94V-0 rated)
Environmental compliance
– Reach
www.tracopower.com/products/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn