Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMM40 Datasheet(PDF) 1 Page - TRACO Electronic AG

Part No. TMM40
Description  AC/DC Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMM40 Datasheet(HTML) 1 Page - TRACO Electronic AG

  TMM40 Datasheet HTML 1Page - TRACO Electronic AG TMM40 Datasheet HTML 2Page - TRACO Electronic AG TMM40 Datasheet HTML 3Page - TRACO Electronic AG TMM40 Datasheet HTML 4Page - TRACO Electronic AG TMM40 Datasheet HTML 5Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.tracopower.com
Page 1 of 5
AC/DC Power Modules
TMM 40 Series, 40 Watt
Order code
Output power
max.
Output 1
Output 2
Efficiency
PCB mount
Chassis mount
TMM 40105
TMM 40105C
40 W
5.0 VDC / 8000 mA
81 %
TMM 40112
TMM 40112C
12 VDC / 3330 mA
84 %
TMM 40115
TMM 40115C
15 VDC / 2660 mA
85 %
TMM 40124
TMM 40124C
24 VDC / 1660 mA
84 %
TMM 40212
TMM 40212C
+12 VDC / 1660 mA
–12 VDC / 1660 mA
84 %
TMM 40215
TMM 40215C
+15 VDC / 1330 mA
–15 VDC / 1330 mA
85 %
Models
C B
Scheme
UL 60950-1
ES 60601-1
UL 60950-1
UL 60601-1
Also see:
TMM 24 Series, 24 Watt
www.tracopower.com/products/tmm24.pdf
TMM 60 Series, 60 Watt
www.tracopower.com/products/tmm60.pdf
Features
Fully encapsulated low profile plastic
casing in PCB- or chassis mount version
2 x MOPP Medical safety according to
AAMI/ANSI ES 60601-1:2005(R) and
IEC/EN 60601-1 3rd edition
IT and industrial safety according to
IEC/UL 60950-1 and UL 508
Ready to meet ErP directive
<0.3W no load power consumption
-40°C start-up temperature
Safety class II prepared
Protection against over-temperature
overload and short circuit
3-year product warranty
The TMM 40 Series of fully encapsulated 40 Watt AC/DC power supply mod-
ules feature a reinforced/double I/O isolation system according to latest medical
safety standards 60601-3 3rd edition for 2 x MOPP (Means Of Patient Protec-
tion). The high efficiency and the use of highest grade components make the units
suitable for an operating temperature range of –40°C to +60°C while it goes up
to 75°C with 50% load derating. EMI/EMC characteristics and the safety ap-
proval package qualify these modules not only for medical devices but also for
demanding applications in transportation systems and for equipment in industrial
an commercial environment.
UL 508


Similar Part No. - TMM40

ManufacturerPart No.DatasheetDescription
TRACO Electronic AG
TRACO Electronic AG
TMM40 TRACOPOWER-TMM40 Datasheet
348Kb / 5P
   AC/DC Power Modules
TMM40105 TRACOPOWER-TMM40105 Datasheet
348Kb / 5P
   AC/DC Power Modules
TMM40105C TRACOPOWER-TMM40105C Datasheet
348Kb / 5P
   AC/DC Power Modules
TMM40112 TRACOPOWER-TMM40112 Datasheet
348Kb / 5P
   AC/DC Power Modules
TMM40112C TRACOPOWER-TMM40112C Datasheet
348Kb / 5P
   AC/DC Power Modules
More results

Similar Description - TMM40

ManufacturerPart No.DatasheetDescription
TRACO Electronic AG
TRACO Electronic AG
TMP07103 TRACOPOWER-TMP07103 Datasheet
706Kb / 11P
   AC/DC Power Modules
TML100C TRACOPOWER-TML100C Datasheet
171Kb / 3P
   AC/DC Power Modules
TMG TRACOPOWER-TMG Datasheet
561Kb / 5P
   AC/DC Power Modules
TMF TRACOPOWER-TMF Datasheet
530Kb / 5P
   AC/DC Power Modules
TMPS03 TRACOPOWER-TMPS03 Datasheet
184Kb / 3P
   AC/DC Power Modules
TMM24 TRACOPOWER-TMM24_18 Datasheet
761Kb / 5P
   AC/DC Power Modules
TMP TRACOPOWER-TMP_18 Datasheet
1,014Kb / 9P
   AC/DC Power Modules
TMSB2 TRACOPOWER-TMSB2_18 Datasheet
437Kb / 4P
   AC/DC Power Modules
TMLM TRACOPOWER-TMLM Datasheet
394Kb / 4P
   AC/DC Power Modules
TMP TRACOPOWER-TMP Datasheet
699Kb / 9P
   AC/DC Power Modules
TMLM TRACOPOWER-TMLM_18 Datasheet
406Kb / 4P
   AC/DC Power Modules
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz