Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ULQ2003A-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. ULQ2003A-Q1
Description  HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

ULQ2003A-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  ULQ2003A-Q1 Datasheet HTML 1Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 2Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 3Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 4Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 5Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 6Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 7Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 8Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ULQ2003AQ1, ULQ2004AQ1,
HIGHVOLTAGE HIGHCURRENT DARLINGTON
TRANSISTOR ARRAY
SGLS148A − DECEMBER 2002 − REVISED OCTOBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA = 25°C
DERATING FACTOR
TA = 85°C
TA = 105°C
PACKAGE
TA = 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85 C
POWER RATING
TA = 105 C
POWER RATING
D
950 mW
7.6 mW/
°C
494 mW
342 mW
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
ULQ2003A-Q1
ULQ2004A-Q1
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IC = 125 mA
5
IC = 200 mA
2.7
6
VI(on)
On-state input voltage, See Figure 6
VCE = 2 V
IC = 250 mA
2.9
V
VI(on)
On-state input voltage, See Figure 6
VCE = 2 V
IC = 275 mA
7
V
IC = 300 mA
3
IC = 350 mA
8
Collector-emitter saturation voltage,
II = 250 µA,
IC = 100 mA
0.9
1.2
0.9
1.1
VCE(sat)
Collector-emitter saturation voltage,
See Figure 5
II = 350 µA,
IC = 200 mA
1
1.4
1
1.3
V
VCE(sat)
See Figure 5
II = 500 µA,
IC = 350 mA
1.2
1.7
1.2
1.6
V
ICEX
Collector cutoff current
VCE = 50 V, II = 0,
See Figure 1
100
50
A
ICEX
Collector cutoff current
VCE = 50 V,
II = 0
100
µA
VCE = 50 V,
See Figure 2
VI = 1 V
500
VF
Clamp forward voltage,
See Figure 8
IF = 350 mA
1.7
2.2
1.7
2.1
V
II(off)
Off-state input current, See Figure 3
VCE = 50 V,
IC = 500 A
30
65
50
65
A
II(off)
Off-state input current, See Figure 3
VCE = 50 V,
IC = 500 µA30
65
50
65
µA
VI = 3.85 V
0.93
1.35
II
Input current, see Figure 4
VI = 5 V
0.35
0.5
mA
II
Input current, see Figure 4
VI = 12 V
1
1.45
mA
IR
Clamp reverse current,
VR = 50 V,
TA = 25°C
100
50
A
IR
Clamp reverse current,
See Figure 7
VR = 50 V
100
100
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
15
25
pF
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
ULQ2003A-Q1,
ULQ2004A-Q1
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
See Figure 9
1
10
µs
tPHL
Propagation delay time, high-to-low level output
See Figure 9
1
10
µs
VOH
High-level output voltage after switching
VS = 50 V,
See Figure 10
IO ≈ 300 mA,
VS−500
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn