Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ULQ2003A-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. ULQ2003A-Q1
Description  HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

ULQ2003A-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ULQ2003A-Q1 Datasheet HTML 2Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 3Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 4Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 5Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 6Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 7Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 8Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 9Page - Texas Instruments ULQ2003A-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ULQ2003AQ1, ULQ2004AQ1,
HIGHVOLTAGE HIGHCURRENT DARLINGTON
TRANSISTOR ARRAY
SGLS148A − DECEMBER 2002 − REVISED OCTOBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
(ONE DARLINGTON)
0
IC − Collector Current − mA
2.5
800
0
100
200
300
400
500
600
700
0.5
1
1.5
2
II = 350 µA
II = 500 µA
TA = 25°C
II = 250 µA
2
1.5
1
0.5
700
600
500
400
300
200
100
0
800
2.5
IC(tot) − Total Collector Current − mA
0
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
TOTAL COLLECTOR CURRENT
(TWO DARLINGTONS IN PARALLEL)
II = 250 µA
II = 350 µA
II = 500 µA
TA = 25°C
Figure 12
COLLECTOR CURRENT
vs
INPUT CURRENT
0
II − Input Current − µA
500
200
0
25
50
75
100
125
150
175
50
100
150
200
250
300
350
400
450
VS = 10 V
VS = 8 V
RL = 10 Ω
TA = 25°C
Figure 13


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn