Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TZA1046 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TZA1046
Description  Photodiode and amplifier IC for CD and DVD applications
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
2004 May 04
4
Philips Semiconductors
Preliminary specification
Photodiode and amplifier IC
for CD and DVD applications
TZA1046
5
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD1
supply voltage
front-end
4.5
5.0
5.5
V
VDD2
supply voltage
back-end
4.5
5.0
5.5
V
IDD1
supply current
front-end
dark conditions; 6-channel mode
writing DVD+R
13
mA
writing CDR clipping
27
mA
writing DVD+RW or CDR no-clip
13
mA
writing CDRW
12
mA
reading DVD
27
mA
reading CD
28
mA
reading DVD+RW
27
mA
reading CDRW
27
mA
power-down mode
0.4
mA
IDD2
supply current
back-end
dark conditions; 6-channel mode
writing DVD+R
5.3
mA
writing CDR clipping
5.3
mA
writing DVD+RW or CDR no-clip
5.3
mA
writing CDRW
5.3
mA
reading DVD
5.3
mA
reading CD
5.3
mA
reading DVD+RW
5.3
mA
reading CDRW
6.6
mA
power-down mode
0.1
mA
Temperature range
Tamb
ambient temperature
0
70
°C
RF bandwidth
B−3dB(cen)
bandwidth of central
channels A, B, C and D
Io = 1.0 mA; 6-channel mode
reading DVD
130
165
MHz
reading CD
100
142
MHz
reading DVD+RW
130
162
MHz
reading CDRW
80
124
MHz
B−3dB(RF)
bandwidth of differential
channels RFP and RFN
Io = 1.0 mA
reading DVD
130
175
MHz
reading CD
100
130
MHz
reading DVD+RW
130
166
MHz
reading CDRW
80
114
MHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
2SK363N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SK3462Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
STV9383Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications 1 2 3 4 5 MoreSTMicroelectronics
2SC3112TRANSISTOR FOR AUDIO AMPLIFIER AND SWITCHING APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK364N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ103P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK246N CHANNEL JUNCTION TYPE FOR CONSTANT CURRENT IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK365N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ104P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl