Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7079 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7079
Description  Integrated Circuit Hybrid Switching Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7079 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7079
Integrated Circuit
Hybrid Switching Voltage Regulator
Absolute Maximum Ratings:
Maximum Peak Input Voltage, VIN
850V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current, IIN
Continuous
6A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulse
12A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Output Current (VO = 115V), IO
1.3A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +100°C), PD
27W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Transistor Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range (Case Temperature, Note 1), Topr
–20
° to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Recommended Operating Temperature: Topr = +100°C
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
VIN = 220V, IO = 900mA, Note 2
108.5
110.0
111.5
V
Sensing Voltage (Fixed Voltage)
VO
IIN = 7mA
41.3
41.8
42.3
V
Line Regulation
RegLINE VIN = 180V to 280V, IO = 900mA
Initial Value
±1V
V
Load Regulation
RegLOAD VIN = 220V, IO = 550mA to 900mA
Initial Value
±2V
V
Output Voltage Temperature
Coefficient
Kt
TC = –20° to +100°C, IIN = 7mA
±2
mV/
°C
Saturation Voltage
VCE(sat) IC = 3A, IB = 600mA
0.4
V
VBE(sat) IC = 3A, IB = 600mA
1.5
V
DC Current Gain
hFE
IC = 1A, VCE = 4V
15
38
Collector Cutoff Current
ICEX
VCE = 850V, VBE = 1.5V
1
mA
Power Transistor Thermal
Resistance
RΘJC
Between Junction and Case
1.8
°C/W
Switching Time
ts
IC = 3A, IB1 = 500mA, IB2 = –500mA,
11.0
µs
tf
RL = 67Ω
0.5
µs
Note 2. Output voltage is determined by the ratio between the sensing winding “D” and the secondary
winding “S”.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn