Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS2211A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS2211A
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS2211A Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS2211A
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SELECTION GUIDE
VCC
Vpp
DEVICE
3.3-V TYPICAL
rDS(on)
(
Ω)
5-V TYPICAL
rDS(on)
(
Ω)
RECOMMENDED
MAXIMUM OUTPUT
CURRENT
(A)
3.3-V OR 5-V
TYPICAL
rDS(on)
(
Ω)
12-V MAXIMUM
rDS(on)
(
Ω)
RECOMMENDED MAXIMUM
OUTPUT CURRENT
(A)
TPS2211AIDB
0.07
0.07
1
4
2
0.15
TPS2211APWP
0.07
0.07
1
4
2
0.15
TPS2211IDB
0.048
0.05
1
4
1
0.15
TPS2212IDB
0.16
0.16
0.25
4
1
0.15
typical PC-card power-distribution application
AVCC
AVCC
AVCC
AVPP
VCCD0
VCCD1
VPPD0
VPPD1
OC
SHDN
GND
0.1
µF
0.1
µF
VCC1
VCC2
Vpp1
Vpp2
PC Card
Connector
PCMCIA
Controller
VCC_EN0
VCC_EN1
VPP_EN0
VPP_EN1
CS
To CPU
TPS2211A
12 V
5 V
5 V
0.1
µF
5 V
3.3 V
3.3 V
0.1
µF
3.3 V
Shutdown Signal From CPU
12 V
+
+
0.1
µF
+†
† Refer to power-supply considerations in application information for selection of appropiate capacitors on supply inputs.
‡ The diagram refers to the 16-pin DB package. It is recommended that the 3 AVCC pins be tied together externally to minimize power loss. For
the 20-pin package, the 4 AVCC pins (13, 14, 15, and 16) must be tied together externally as close as possible to the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn