Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2211A Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2211A
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2211A Datasheet HTML 10Page - Texas Instruments TPS2211A Datasheet HTML 11Page - Texas Instruments TPS2211A Datasheet HTML 12Page - Texas Instruments TPS2211A Datasheet HTML 13Page - Texas Instruments TPS2211A Datasheet HTML 14Page - Texas Instruments TPS2211A Datasheet HTML 15Page - Texas Instruments TPS2211A Datasheet HTML 16Page - Texas Instruments TPS2211A Datasheet HTML 17Page - Texas Instruments TPS2211A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TPS2211A
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
12-V supply not required
Most PC Card switches use the externally supplied 12 V to power gate drive and other chip functions, which
require that power be present at all times. The TPS2211A offers considerable power savings by using an internal
charge pump to generate the required higher voltages from the 5-V input. Therefore, the external 12-V supply
can be disabled except when needed for flash-memory functions, thereby extending battery lifetime. Do not
ground the 12-V switch inputs when the 12-V input is not used. Additional power savings are realized by the
TPS2211A during a software shutdown, in which quiescent current drops to a maximum of 1
µA.
3.3-V low-voltage mode
The TPS2211A operates in a 3.3-V low-voltage mode when 3.3 V is the only available input voltage
(VI(5V) = 0). This allows host and PC Cards to be operated in low-power 3.3-volts-only modes such as sleep or
pager modes. Note that in these operation modes, the TPS2211A derives its bias current from the 3.3-V input
pin and only 3.3 V can be delivered to the PC Card.
voltage transitioning requirement
PC Cards are migrating from 5 V to 3.3 V to minimize power consumption, optimize board space, and increase
logic speeds. The TPS2211A meets all combinations of power delivery as currently defined in the PCMCIA
standard. The latest protocol accommodates mixed 3.3-V/5-V systems by first powering the card with 5 V, then
polling it to determine its 3.3-V compatibility. The PCMCIA specification requires that the capacitors on 3.3-V
compatible cards be discharged to below 0.8 V before applying 3.3-V power. This functions as a power reset
and ensures that sensitive 3.3-V circuitry is not subjected to any residual 5-V charge. The TPS2211A offers a
selectable VCC and Vpp ground state, in accordance with PCMCIA 3.3-V/5-V switching specifications.
output ground switches
PC Card specification requires that VCC be discharged within 100 ms. PC Card resistance can not be relied on
to provide a discharge path for voltages stored on PC Card capacitance because of possible high-impedance
isolation by power-management schemes.
power-supply considerations
The TPS2211A has multiple pins for each of its 3.3-V and 5-V power inputs and for the switched AVCC outputs.
Any individual pin can conduct the rated input or output current. Unless all pins are connected in parallel, the
series resistance is significantly higher than that specified, resulting in increased voltage drops and lost power.
It is recommended that all input and output power pins be paralleled for optimum operation.
To increase the noise immunity of the TPS2211A, the power supply inputs should be bypassed with a 4.7-
µF,
or larger, electrolytic or tantalum capacitor paralleled by a 0.1-
µF ceramic capacitor. It is strongly recommended
that the switched outputs be bypassed with a 0.1-
µF, or larger, ceramic capacitor; doing so improves the
immunity of the TPS2211A to electrostatic discharge (ESD). Care should be taken to minimize the inductance
of PCB traces between the TPS2211A and the load. High switching currents can produce large negative voltage
transients, which forward biases substrate diodes, resulting in unpredictable performance. Similarly, no pin
should be taken below – 0.3 V.


Similar Part No. - TPS2211A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211A TI1-TPS2211A Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211AIDB TI1-TPS2211AIDB Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211AIDBG4 TI1-TPS2211AIDBG4 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211AIDBR TI1-TPS2211AIDBR Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211AIDBRG4 TI1-TPS2211AIDBRG4 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2211A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com